Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 43Page - List of Unclassifed Manufacturers F20 Datasheet HTML 44Page - List of Unclassifed Manufacturers F20 Datasheet HTML 45Page - List of Unclassifed Manufacturers F20 Datasheet HTML 46Page - List of Unclassifed Manufacturers F20 Datasheet HTML 47Page - List of Unclassifed Manufacturers F20 Datasheet HTML 48Page - List of Unclassifed Manufacturers F20 Datasheet HTML 49Page - List of Unclassifed Manufacturers F20 Datasheet HTML 50Page - List of Unclassifed Manufacturers F20 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 47
5.3.
Power and Miscellaneous Signals
Many signals are available on multiple pins according to the software configuration of the
multiplexing options.
1. Signal Name: The signal name
2. Description: Description of the signal
3. Type: type = Pin type for this specific function:
-
I
= Input
-
O
= Output
-
Z
= High-impedance
-
A
= Analog
-
PWR
= Power
-
GND
= Ground
4. Pin #: Associated ball(s) number
5.3.1.
Power Domain Signal Description
Table 5-3 Power Domain Signal Description
Signal
Name
Description
Pin
Name
Ball#
TV-OUT DAC Power
TV-VCC
TV-OUT Power Supply
TV-VCC
R14
TV-GND
TV-OUT Ground
TV-GND
N12
Audio DAC Power
HPVCC
Audio output DAC Power Supply
HPVCC
Y14
HPVCC_IN
Audio output DAC Power Supply
HPVCC_IN
W14
HPGND
Audio output DAC Ground
HPGND
N11
Audio ADC Power
VMIC
Microphone ADC Power Supply
VMIC
V17
USB Power
UVCC0
USB0 PHY Analog Power Supply
UVCC0
P17
ULVDD0
USB0 Digital Power Supply
ULVDD0
T16
UVCC_C
USB1 PHY Analog Power Supply
UVCC_C
P16
UVCC_T
USB2 PHY Analog Power Supply
UVCC_T
R16
ULVDD1
USB1/2 Digital Power Supply
ULVDD1
U16
UGND0
USB0 PHY Analog Ground
UGND0
K12
ULGND0
USB0 Digital Ground
ULGND0
L13
UGND_C
USB1 PHY Analog Ground
UGND_C
L12
UGND_T
USB2 PHY Analog Ground
UGND_T
M13
ULGND1
USB1/2 Digital Ground
ULGND1
M12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com