Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 4Page - List of Unclassifed Manufacturers F20 Datasheet HTML 5Page - List of Unclassifed Manufacturers F20 Datasheet HTML 6Page - List of Unclassifed Manufacturers F20 Datasheet HTML 7Page - List of Unclassifed Manufacturers F20 Datasheet HTML 8Page - List of Unclassifed Manufacturers F20 Datasheet HTML 9Page - List of Unclassifed Manufacturers F20 Datasheet HTML 10Page - List of Unclassifed Manufacturers F20 Datasheet HTML 11Page - List of Unclassifed Manufacturers F20 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 8
1.
Introduce
The F20 is a 16/32-bit RISC microprocessor, which is designed to provide a cost-effective,
low-power capabilities, high performance processor for video application and general
application. The F20 is developed with ARM926-EJS core with separated 16KB instruction
and 16KB data caches. To reduce total system cost, the F20 includes the following
components.
2.
Feature List
The system includes the following feature:
Around 400MHz@1.3V, 533MHz@1.4V ARM926-EJS Core with 16KB I-Cache/16KB
D-Cache
16/32-bits SDRAM controller support SDR SDRAM, DDR SDRAM, DDR2 SDRAM and
LPDDR SDRAM
8-ch normal DMA controllers and 8-ch dedicated DMA controllers
8 UARTs with 64 Bytes TX FIFO and 64 Bytes RX FIFO, 1 UART with full modem
function, 2 UARTs with RTS/CTS hardware flow control, others are two wire UARTs
3 SPI controller, 1 dedicated SPI controller for serial NOR Flash boot application,
others are for general applications
2 PS2 controller for connecting external PS2 mouse and PS2 keypad
CAN bus controller for automotive and general industrial environments
3 Two Wire Interface, its speed can up to 400K
Key Matrix (8x8) with internal debounce filter
IR controller support SIR, MIR, FIR and IR remoter
Smart Card Read controller for security application
8-bits NAND Flash Controller with 8 chip select and 2 r/b signals
1 high-speed Memory controller supports SD version 3.0 and MMC version 4.2
3 normal Memory controller supports SD version 2.0 and MMC version 4.0
Memory Stick Host Controller supports memory stick version 1.0 and memory stick
PRO
ATA controller used for IDE hard disc or CF card
3 USB 2.0 OTG controller for general application
10/100M Ethernet MAC compatible with IEEE802.3 standard
Transport stream controller for DTV application
I2S/PCM controller for 8-channel output and 2-channel input
AC97 controller compatible with AC97 version 2.3 standard
Internal 24-bits Audio Codec for 2 channel headphone, 2 channel microphone and 2
channel FM/Linen input
Internal 6-bits LRADC for line control
Internal 4-wire touch panel controller for touch application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com