Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 68Page - List of Unclassifed Manufacturers F20 Datasheet HTML 69Page - List of Unclassifed Manufacturers F20 Datasheet HTML 70Page - List of Unclassifed Manufacturers F20 Datasheet HTML 71Page - List of Unclassifed Manufacturers F20 Datasheet HTML 72Page - List of Unclassifed Manufacturers F20 Datasheet HTML 73Page - List of Unclassifed Manufacturers F20 Datasheet HTML 74Page - List of Unclassifed Manufacturers F20 Datasheet HTML 75Page - List of Unclassifed Manufacturers F20 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 72
17.
SPI Interface
17.1.
SPI Description
The SPI is the Serial Peripheral Interface which allows rapid data communication with less
software interrupts. The SPI module contains one 64x8 receiver buffer (RXFIFO) and one
64x8 transmit buffer (TXFIFO). It can work at two modes: Master mode and Slave mode. It
includes the following features:
Full-duplex synchronous serial interface
Master/Slave configurable
Four chip selects to support multiple peripherals for SPI0 and SPI1 has one chip select
8-bit wide by 64-entry FIFO for both transmit and receive data
Polarity and phase of the Chip Select (SPI_SS) and SPI Clock (SPI_SCLK) are
configurable
DMA support
17.2.
SPI Controller Signal Description
Table 17-1. SPI Controller Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
Serial Port Interface(SPI0)
SPI0_CS0
SPI0 Chip Select
I/O
PC23
D9
SPI0_MOSI
SPI0 Master data Out, Slave data In
I/O
PC0
C9
SPI0_MISO
SPI0 Master data In, Slave data Out
I/O
PC1
G8
SPI0_CLK
SPI0 Clock
I/O
PC2
F8
Serial Port Interface(SPI1)
SPI1_CS0
SPI1 Chip Select 0
I/O
PI8
PA0
R3
V7
SPI1_CS1
SPI1 Chip Select 1
O
PI9
R4
SPI1_CLK
SPI1 Master data Out, Slave data In
I/O
PI10
PA1
R5
W7
SPI1_MOSI
SPI1 Master data In, Slave data Out
I/O
PI11
PA2
R6
Y7
SPI1_MISO
SPI1 Clock
I/O
PI12
PA3
R7
T8
Serial Port Interface(SPI2)
SPI2_CS0
SPI2 Chip Select 0
I/O
PB14
PC19
P11
C10
SPI2_CS1
SPI2 Chip Select 1
O
PB13
Y10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com