Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 67Page - List of Unclassifed Manufacturers F20 Datasheet HTML 68Page - List of Unclassifed Manufacturers F20 Datasheet HTML 69Page - List of Unclassifed Manufacturers F20 Datasheet HTML 70Page - List of Unclassifed Manufacturers F20 Datasheet HTML 71Page - List of Unclassifed Manufacturers F20 Datasheet HTML 72Page - List of Unclassifed Manufacturers F20 Datasheet HTML 73Page - List of Unclassifed Manufacturers F20 Datasheet HTML 74Page - List of Unclassifed Manufacturers F20 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 71
16.
Two Wire Interface
16.1.
TWI Controller Description
This 2-Wire Controller is designed to be used as an interface between CPU host and the
serial 2-Wire bus. It can supports all the standard 2-Wire transfer, including Slave and Master.
The communication to the 2-Wire bus is carried out on a byte-wise basis using interrupt or
polled handshaking. This 2-Wire Controller can be operated in standard mode (100K bps) or
fast-mode, supporting data rate up to 400K bps. Multiple Masters and 10-bit addressing
Mode are supported for this specified application. General Call Addressing is also supported
in Slave mode.
The 2-Wire Controller includes the following features:
Software-programmable for Slave or Master
Supports Repeated START signal
Multi-master systems supported
Allows 10-bit addressing with 2-Wire bus
Performs arbitration and clock synchronization
Own address and General Call address detection
Interrupt on address detection
Supports speeds up to 400Kbits/s (‘fast mode’)
Allows operation from a wide range of input clock frequencies
16.2.
TWI Controller Signal Description
Table 16-1. TWI Controller Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
I2C port0
TWI0_SCK
I2C-BUS Clock for Channel0
I/O
PB0
B2
TWI0_SDA
I2C-BUS Data for Channel0
I/O
PB1
A1
I2C port1
TWI1_SCK
I2C-BUS Clock for Channel1
I/O
PB18
T3
TWI1_SDA
I2C-BUS Data for Channel1
I/O
PB19
T4
I2C port2
TWI2_SCK
I2C-BUS Clock for Channel2
I/O
PB20
P1
TWI2_SDA
I2C-BUS Data for Channel2
I/O
PB21
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com