Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 75Page - List of Unclassifed Manufacturers F20 Datasheet HTML 76Page - List of Unclassifed Manufacturers F20 Datasheet HTML 77Page - List of Unclassifed Manufacturers F20 Datasheet HTML 78Page - List of Unclassifed Manufacturers F20 Datasheet HTML 79Page - List of Unclassifed Manufacturers F20 Datasheet HTML 80Page - List of Unclassifed Manufacturers F20 Datasheet HTML 81Page - List of Unclassifed Manufacturers F20 Datasheet HTML 82Page - List of Unclassifed Manufacturers F20 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 79
21.
USB OTG Controller
21.1.
USB OTG Overview
The USB/OTG is a Dual-Role Device (DRD) controller, which supports both device and host
functions and is full compliant with the On-The-Go Supplement to the USB 2.0 Specification,
Revision 1.0a. It can also be configured as a Host-only or Device-only controller, full
compliant with the USB 2.0 Specification. It can support high-speed (HS, 480-Mbps),
full-speed (FS, 12-Mbps), and low-speed (LS, 1.5-Mbps) transfers in Host mode. It can
support high-speed (HS, 480-Mbps), and full-speed (FS, 12-Mbps) in Device mode. The
USB/OTG connects to the industry-standard AMBA High-Performance Bus (AHB) for
communication with other system modules, such as AC320 CPU, System Memory. It is fully
compliant with the AMBA Specification, Revision 2.0. As an AHB slave device,
microcontroller can access its Control and Status Registers (CSRs), the Data FIFO (DFIFO),
and queues. Industry standard Single Port RAM (SPRAM) is supported for saving area and
power. The Single Port RAM is used as Data FIFO. Standard USB transceiver can be used
through its UTMI+PHY Level2 interface. The UTMI+PHY interface is bidirectional with 8-bit
data bus. In AHB slave mode, the data transfer between the USB/OTG and the system
memory is handled by the application. For saving CPU bandwidth, USB/OTG DMA interface
can support one external DMA controller to take care of the data transfer between the
memory and USB/OTG core. The driver sets up the transfer and the USB/OTG interrupts the
CPU only on transfer completion or and error condition. One central DMA engine is designed
for the data transfer in system role. The DMA function can be disabled by software. The Host
Negotiation Protocol (HNP), Session Request Protocol (SRP), and other critical functions are
implemented in hardware for processing efficiency. The USB/OTG core also supports USB
power saving functions.
The USB2.0 OTG controller System-Level block diagram is showed below:
The USB2.0 OTG controller (SIE) includes the following features:
Complies with USB 2.0 Specification and its On-The-Go Supplement to the USB 2.0
Specification (Revision 1.0a)
Supports High-Speed (HS, 480-Mbps), Full-Speed (FS, 12-Mbps), and Low-Speed (LS,
1.5-Mbps) in Host mode and support High-Speed (HS, 480-Mbps), Full-Speed (FS,
12-Mbps) in Device mode
Supports the Host Negotiation Protocol (HNP) and the Session Request Protocol
(SRP)
Supports the UTMI+ Level 3 interface. The 8-bit bidirectional data buses are used.
64-Byte Endpoint 0 for Control Transfer (Endpoint0)
Supports up to 4 User-Configurable Endpoints for Bulk , Isochronous, Control and
Interrupt bi-directional transfers (Endpoint1, Endpoint2, Endpoint3, Endpoint4,
Endpoint5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com