Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 87Page - List of Unclassifed Manufacturers F20 Datasheet HTML 88Page - List of Unclassifed Manufacturers F20 Datasheet HTML 89Page - List of Unclassifed Manufacturers F20 Datasheet HTML 90Page - List of Unclassifed Manufacturers F20 Datasheet HTML 91Page - List of Unclassifed Manufacturers F20 Datasheet HTML 92Page - List of Unclassifed Manufacturers F20 Datasheet HTML 93Page - List of Unclassifed Manufacturers F20 Datasheet HTML 94Page - List of Unclassifed Manufacturers F20 Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 91
29.
CAN Bus
29.1.
CAN Overview
The CAN module is a controller for the Controller Area Network (CAN) used in automotive
and general industrial environments. It implements the CAN 2.0A/B protocol as defined in the
BOSCH CAN bus specification 2.0.
The CAN controller includes the following features:
Supports the CAN 2.0A and 2.0B protocol specification
Programmable data rate up to 1Mbps
64 byte receive buffers
Support one-shot transmission option
Supports two configurable filter modes
Supports listen only mode
Supports self-test mode
29.2.
CAN Bus Signal Description
Table 29-1. CAN Bus Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
CAN_TX
CAN Transmit Data
O
PH20
PA16
H6
V10
CAN_RX
Can Receive Data
I
PH21
PA17
H5
W10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com