Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 92Page - List of Unclassifed Manufacturers F20 Datasheet HTML 93Page - List of Unclassifed Manufacturers F20 Datasheet HTML 94Page - List of Unclassifed Manufacturers F20 Datasheet HTML 95Page - List of Unclassifed Manufacturers F20 Datasheet HTML 96Page - List of Unclassifed Manufacturers F20 Datasheet HTML 97Page - List of Unclassifed Manufacturers F20 Datasheet HTML 98Page - List of Unclassifed Manufacturers F20 Datasheet HTML 99Page - List of Unclassifed Manufacturers F20 Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 96
33.
Security System
33.1.
Security System Description
The Security System (SS) is one encrypt/ decrypt function accelerator. It is suitable for a
variety of applications. It supports both encryption and decryption. Several modes are
support by the SS module. Both of CPU mode and DMA method are supported for different
application.
It includes the following features:
AES, DES, 3DES, SHA-1, MD5 are supported by this system
ECB, CBC, CNT modes for AES/DES/3DES
128-bits, 192-bits and 256-bits key size for AES
32-words RX FIFO and 32-words TX FIFO for high speed application
CPU mode and DMA mode are supported
Interrupt supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com