Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 88Page - List of Unclassifed Manufacturers F20 Datasheet HTML 89Page - List of Unclassifed Manufacturers F20 Datasheet HTML 90Page - List of Unclassifed Manufacturers F20 Datasheet HTML 91Page - List of Unclassifed Manufacturers F20 Datasheet HTML 92Page - List of Unclassifed Manufacturers F20 Datasheet HTML 93Page - List of Unclassifed Manufacturers F20 Datasheet HTML 94Page - List of Unclassifed Manufacturers F20 Datasheet HTML 95Page - List of Unclassifed Manufacturers F20 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 92
30.
Audio Codec
30.1.
Audio Codec Overview
Embedded Audio Codec Includes below features:
On-chip 24-bits DAC for play-back
On-chip 24-birs ADC fro recorder
On-chip Class-D Power Amplifier for speaker
Support analog/ digital volume control
Support 48K and 44.1K sample family
Support FM/ Line-in/ Microphone recorder
30.2.
Audio Codec Signal Description
Table 30-1. Audio Codec Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
HPL
Audio DAC(24bit) output for Left channel ofHeadphone
AO
HPL
U14
HPR
Audio DAC(24bit) output for Right channel of Headphone
AO
HPR
T14
HPCOM
Audio DAC(24bit) amplifier output
A
HPCOM
V14
HPCOM_FB Audio DAC(24bit) amplifier Feedback
A
HPCOM_FB
V15
FMINL
Audio ADC(24bit) Input for Left channel of FM radio
AI
FMINL
W16
FMINR
Audio ADC(24bit) Input for Right channel of FM radio
AI
FMINR
Y16
LINEINL
Audio ADC(24bit) Input for Left channel of Line In
AI
LINEINL
Y15
LINEINR
Audio ADC(24bit) Input for Right channel of Line In
AI
LINEINR
W15
MICINL
Audio ADC(24bit) Input for Left channel of Microphone
AI
MICINL
W17
MICINR
Audio ADC(24bit) Input for Right channel of Microphone
AI
MICINR
Y17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com