Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 76Page - List of Unclassifed Manufacturers F20 Datasheet HTML 77Page - List of Unclassifed Manufacturers F20 Datasheet HTML 78Page - List of Unclassifed Manufacturers F20 Datasheet HTML 79Page - List of Unclassifed Manufacturers F20 Datasheet HTML 80Page - List of Unclassifed Manufacturers F20 Datasheet HTML 81Page - List of Unclassifed Manufacturers F20 Datasheet HTML 82Page - List of Unclassifed Manufacturers F20 Datasheet HTML 83Page - List of Unclassifed Manufacturers F20 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 80
Supports High-Bandwidth Isochronous & Interrupt transfers
Automated splitting/combining of packets for Bulk transfers
Supports point-to-point and point-to-multipoint transfer in both Host and Peripheral
mode
Includes automatic ping capabilities
Soft connect/disconnect function
Performs all transaction scheduling in hardware
Power Optimization and Power Management capabilities
Includes interface to an external Dedicated Central DMA controller; data is transferred
through Special bus for saving ABH bus bandwidth
Supports industry-standard Single Port SRAM for USB Configurable Data FIFO; The
size is 2112 byte with 32-bit word width; The RAM can be used by other modules when
USB/OTG disable
21.2.
USB Controller Signal Description
Table 21-1. USB Controller Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
USB0 OTG 2.0
DM0
USB0 OTG Data(-)
I/O
DM0
U19
DP0
USB0 OTG Data(+)
I/O
DP0
U20
USB1 HOST 2.0
DM1
USB1 HOST Data(-)
I/O
DM1
R17
DP1
USB1 HOST Data(+)
I/O
DP1
R18
USB2 HOST 2.0
DM2
USB2 HOST Data(-)
I/O
DM2
T17
DP2
USB2 HOST Data(+)
I/O
DP2
T18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com