| Electronic Components Datasheet Search |
|
F20 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
F20 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers |
|
65 / 111 page ![]() Boxchip F20 Datasheet Boxchip. All rights reserved. Ver 1.01 Page 65 12. NAND Flash Controller 12.1. NFC Overview The NFC is one NAND Flash Controller which supports all NAND/MLC flash memory available in the market. New type flash can be supported by software re-configuration. The NFC can support 8 NAND flash with 1.8/3.3 V voltage supply. There are 8 separate chip select lines (CE#) for connecting up to 8 flash chips with2 R/B signals. The On-the-fly error correction code (ECC) is built-in NFC for enhancing reliability. BCH-16/-24/-28/-32 is implemented and it can detect and correct up to 64 bits error per 512 or 1024 bytes data. The on chip ECC and parity checking circuitry of NFC frees CPU for other tasks. The ECC function can be disabled by software. The data can be transferred by DMA or by CPU memory-mapped IO method. The NFC provides automatic timing control for reading or writing external Flash. The NFC maintains the proper relativity for CLE, CE# and ALE control signal lines. Three kinds of modes are supported for serial read access. The conventional serial access is mode 0 and mode 1 is for EDO type and mode 2 for extension EDO type. NFC can monitor the status of R/B# signal line. Block management and wear leveling management are implemented in software. The NAND Flash Controller (NFC) includes the following features: Supports all SLC/MLC/TLC flash and EF-NAND memory available in the market Software configure seed for randomize engine Software configure method for adaptability to a variety of system and memory types Supports 8-bit Data Bus Width Supports 1024, 2048, 4096, 8192, 16384 bytes size per page Supports 1.8/3.3 V voltage supply Flash Up to 8 flash chips which are controlled by NFC_CEx# Supports Conventional and EDO serial access method for serial reading Flash On-the-fly BCH error correction code which correcting up to 64 bits per 512 or 1024 bytes Corrected Error bits number information report ECC automatic disable function for all 0xff data NFC status information is reported by its’ registers and interrupt is supported One Command FIFO External DMA is supported for transferring data Two 256x32-bit RAM for Pipeline Procession Support self –debug for NFC debug |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |