Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 74Page - List of Unclassifed Manufacturers F20 Datasheet HTML 75Page - List of Unclassifed Manufacturers F20 Datasheet HTML 76Page - List of Unclassifed Manufacturers F20 Datasheet HTML 77Page - List of Unclassifed Manufacturers F20 Datasheet HTML 78Page - List of Unclassifed Manufacturers F20 Datasheet HTML 79Page - List of Unclassifed Manufacturers F20 Datasheet HTML 80Page - List of Unclassifed Manufacturers F20 Datasheet HTML 81Page - List of Unclassifed Manufacturers F20 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 78
20.
IR Interface
20.1.
IR Overview
Fast Infrared Interface (FIR) signals are multiplexed with UART2 signals using a system
configuration for a complete infrared interface that supports SIR, CIR, MIR, and FIR modes.
The Serial Infrared (SIR) protocol, which supports data rate which supports data rates up to
1.875 Mbit/s, is implemented in each UART module. The IR includes the following features:
Compliant with IrDA 1.1 for MIR and FIR
Full physical layer implementation
Supports 0.576 Mbit/s and 1.152 Mbit/s Medium Infrared (MIR) physical layer protocol
Support 4 Mbit/s FIR physical layer protocol defined by IrDA version 1.4
Support CIR for remote control or wireless keyboard
Hardware CRC16 for MIR and CRC32 for FIR
Dual 16x8-bits FIFO for data transfer
Programmable FIFO thresholds
Interrupt and DMA Support
20.2.
IR Controller Signal Description
Table 20-1. IR Controller Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
IR_TX
IR Transmit Data
O
PB3
G4
IR_RX
IR Receive Data
I
PB4
G3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com