Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 82Page - List of Unclassifed Manufacturers F20 Datasheet HTML 83Page - List of Unclassifed Manufacturers F20 Datasheet HTML 84Page - List of Unclassifed Manufacturers F20 Datasheet HTML 85Page - List of Unclassifed Manufacturers F20 Datasheet HTML 86Page - List of Unclassifed Manufacturers F20 Datasheet HTML 87Page - List of Unclassifed Manufacturers F20 Datasheet HTML 88Page - List of Unclassifed Manufacturers F20 Datasheet HTML 89Page - List of Unclassifed Manufacturers F20 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 86
26.
Transport Stream Controller
26.1.
Transport Stream Controller (TSC) Overview
The ITU-T Rec. H.222.0 | ISO/IEC Transport Stream coding layer all owns one or more
programs to be combined into a single stream. The DVB demodulator can output transport
stream by SPI (Synchronous Parallel Interface) or SSI (Synchronous Serial Interface). The
TSC can receive one SPI or one SSI transport stream with software configurable packet
format. Since there are one or more programs and there are more elementary streams within
a program. By their PID, the TSC can filter out the unused streams and put the streams into
the specified memory space. The 16-channel filter can be support by the TSC.
Since there are some Transport Stream files stored in solid storage media, such as NAND
Flash, HDD, SD/MMC card, Memory Stick Card, UDISK. The MPEG Transport Stream can
be received from network, such as WLAN, Ethernet LAN. The TSC can read these transport
streams from DRAM and generate internal SPI transport stream. The TSC can select the
internal SPI transport stream by TS switch. The selected streams are feed into PID filter. The
filtered streams are stored into external DRAM memory.
TSC – TS Controller
TSF – TS Filter
TSD – TS Descrambler
TSG – TS Generator
The Transport Stream Controller (TSC) includes the following features:
One external Synchronous Parallel Interface (SPI) or one external Synchronous Serial
Interface (SSI)
32 channels PID filter
Multiple transport stream packet (188, 192, 204) format support
SPI and SSI timing parameters are configurable
Hardware packet synchronous byte error detecting
Hardware PCR packet detecting
Configurable SPI transport stream generator for streams in DRAM memory
DMA is supported for transferring data
Interrupt is supported
Support DVB-CSA V1.1 Descrambler
26.2.
Transport Stream Signal Description
Table 26-1. Transport Stream Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com