Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 73Page - List of Unclassifed Manufacturers F20 Datasheet HTML 74Page - List of Unclassifed Manufacturers F20 Datasheet HTML 75Page - List of Unclassifed Manufacturers F20 Datasheet HTML 76Page - List of Unclassifed Manufacturers F20 Datasheet HTML 77Page - List of Unclassifed Manufacturers F20 Datasheet HTML 78Page - List of Unclassifed Manufacturers F20 Datasheet HTML 79Page - List of Unclassifed Manufacturers F20 Datasheet HTML 80Page - List of Unclassifed Manufacturers F20 Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 77
19.
PS/2 Interface
19.1.
PS/2 Interface Overview
The PS/2 is a Dual-Role controller, which supports both device and host functions and is full
compliant with IBM PS/2 in Personal Computer. It can be configured as a Host to connect
PS/2 Keyboard or PS/2 Mouse; it can also be configured as Device to connect Computer.
The PS/2 module can be integrated with industry-standard AMBA Peripheral Bus (APB) for
communication with other system modules, such as ARM CPU, System Memory.
The PS/2 Module includes the following features:
Compliance to IBM PS/2 and AT-Compatible Keyboard and Mouse Interface
Dual Role Controller, it can be either a PS/2 Host or a PS/2 Device
4-byte TXFIFO and 4-byte RXFIFO for data buffering
Odd parity generation and checking
Register bits for override of keyboard clock and data lines
Internal Clock Divider for Simple Clock Interface
19.2.
PS/2 Controller Signal Description
Table 19-1. PS/2 Controller Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
PS/2 port 0
PS2_SCK0
PS/2 Clock
I/O
PB18
PE24
T3
T1
PS2_SDA0
PS/2 Data
I/O
PB19
PE25
T4
T2
PS/2 port 1
PS2_SCK1
PS/2 Clock
I/O
PH12
C4
PS2_SDA1
PS/2 Data
I/O
PH13
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com