Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 93Page - List of Unclassifed Manufacturers F20 Datasheet HTML 94Page - List of Unclassifed Manufacturers F20 Datasheet HTML 95Page - List of Unclassifed Manufacturers F20 Datasheet HTML 96Page - List of Unclassifed Manufacturers F20 Datasheet HTML 97Page - List of Unclassifed Manufacturers F20 Datasheet HTML 98Page - List of Unclassifed Manufacturers F20 Datasheet HTML 99Page - List of Unclassifed Manufacturers F20 Datasheet HTML 100Page - List of Unclassifed Manufacturers F20 Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 97
34.
Touch Panel
34.1.
TP Description
TPADC is 11-bit for touch screen application or for normal ADC application. The TPADC can
work up to maximum conversion rate of 8 KHz. The TPADC can also used for 4-channels
normal ADC application.
Touch Panel Controller’s features are listed below:
Interrupt support
11-bit Resolution
Voltage input range between 0V to 2/3AVCC(2.0V)
Sample rate up to 128K
32-level FIFO for touch Panel data
Software configured sample FIFO trigger level
Software configured sample period for Touch Screen application
4 channels auxiliary analog input for normal ADC application
Normal DMA support
34.2.
Touch Panel Signal Description
Table 34-1. Touch Panel Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
X1
Touch Pane ADC input(11bit)
AI
X1
U13
X2
Touch Pane ADC input(11bit)
AI
X2
T13
Y1
Touch Pane ADC input(11bit)
AI
Y1
R13
Y2
Touch Pane ADC input(11bit)
AI
Y2
P13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com