Electronic Components Datasheet Search
  English  ▼

X  

F20 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # F20
Description  8-ch normal DMA controllers and 8-ch dedicated DMA controllers
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F20 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button F20 Datasheet HTML 63Page - List of Unclassifed Manufacturers F20 Datasheet HTML 64Page - List of Unclassifed Manufacturers F20 Datasheet HTML 65Page - List of Unclassifed Manufacturers F20 Datasheet HTML 66Page - List of Unclassifed Manufacturers F20 Datasheet HTML 67Page - List of Unclassifed Manufacturers F20 Datasheet HTML 68Page - List of Unclassifed Manufacturers F20 Datasheet HTML 69Page - List of Unclassifed Manufacturers F20 Datasheet HTML 70Page - List of Unclassifed Manufacturers F20 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
Boxchip F20 Datasheet
Boxchip. All rights reserved.
Ver 1.01
Page 67
13.
SD2.0 Controller
13.1.
SD/MMC Overview
The SD/MMC can be configured either as a Secure Digital Multimedia Card controller, which
simultaneously supports Secure Digital memory (SD Mem), Secure Digital I/O (SDIO),
Multimedia Cards (MMC), and Consumer Electronics Advanced Transport Architecture
(CE-ATA).
The SD/MMC controller includes the following features:
Supports Secure Digital memory protocol commands
Supports Secure Digital I/O protocol commands
Supports Multimedia Card protocol commands
Supports CE-ATA digital protocol commands
Supports Command Completion signal and interrupt to host processor and Command
Completion Signal disable feature
Supports one SD or MMC (3.3 or 4.0) or CE-ATA device
Supports hardware CRC generation and error detection
Supports programmable baud rate
Supports host pull-up control
Supports SDIO interrupts in 1-bit and 4-bit modes
Supports SDIO suspend and resume operation
Supports SDIO read wait
Supports block size of 1 to 65535 bytes
Internal 16x32-bit (64 bytes total) FIFO for data transfer
DMA interface for dedicated DMA transfer
Only support 3.3 V IO pad
13.2.
SD2.0 Controller Signal Description
Table 13-1. NAND Flash Controller Signal Description
Signal
Name
Description
Type
Pin
Name
Ball#
SD1/SDIO1/MMC1(2.0)
SDC1_CLK
SD1/SDIO1/MMC1 Output Clock
O
PE13
PC5
U2
C8
SDC1_CMD
SD1/SDIO1/MMC1 Cmmand Line
I/O
PE12
PC3
U1
E8
SDC1_D0
SD1/SDIO1/MMC1 Data bit0
I/O
PE14
PC12
U3
E7
SDC1_D1
SD1/SDIO1/MMC1 Data bit1
I/O
PE15
U4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com