Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 17 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 17 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 13Page - ELM Electronics GD25Q21 Datasheet HTML 14Page - ELM Electronics GD25Q21 Datasheet HTML 15Page - ELM Electronics GD25Q21 Datasheet HTML 16Page - ELM Electronics GD25Q21 Datasheet HTML 17Page - ELM Electronics GD25Q21 Datasheet HTML 18Page - ELM Electronics GD25Q21 Datasheet HTML 19Page - ELM Electronics GD25Q21 Datasheet HTML 20Page - ELM Electronics GD25Q21 Datasheet HTML 21Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
17
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
7.6. Write Status Register (WRSR) (31H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register. Before it
can be accepted, a Write Enable (WREN) command must previously have been executed. After the Write Enable
(WREN) command has been decoded and executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) command (31H) has no effect on S15 and S10 of the Status Register. CS#
must be driven high after the eighth bit of the data byte has been latched in. If not, the Write Status Register
(WRSR) command is not executed. As soon as CS# is driven high, the self-timed Write Status Register cycle
(whose duration is tW) is initiated. While the Write Status Register cycle is in progress, the Status Register may
still be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during
the self-timed Write Status Register cycle, and is 0 when it is completed. When the cycle is completed, the Write
Enable Latch (WEL) is reset.
To write non-volatile Status Register bits, a standard Write Enable (06h) instruction must previously have been
executed for the device to accept the Write Status Register Instruction. Once write enabled, the instruction is
entered by driving CS# low, sending the instruction code “31h”, and then writing the status register data byte.
To write volatile Status Register bits, a Write Enable for Volatile Status Register (50h) instruction must have
been executed prior to the Write Status Register instruction (Status Register bit WEL remains 0). However,
SRP1 and LB3, LB2, LB1 can not be changed from 1 to 0 because of the OTP protection for these bits. Upon
power off, the volatile Status Register bit values will be lost, and the non-volatile Status Register bit values will
be restored when power on again.
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect (BP4,
BP3, BP2, BP1, and BP0) bits, to define the size of the area that is to be treated as read-only, as defined
in Table1. The Write Status Register (WRSR) command also allows the user to set or reset the Status Register
Protect (SRP1 and SRP0) bits in accordance with the Write Protect (WP#) signal. The Status Register Protect
(SRP1 and SRP0) bits and Write Protect (WP#) signal allow the device to be put in the Hardware Protected
Mode. The Write Status Register (WRSR) command is not executed once the Hardware Protected Mode is
entered.
Figure 7. Write Status Register Sequence Diagram
Command
0 1 2 3 4 5 6 7
31H
CS#
SCLK
SI
SO
High-Z
8 9 10 11 12 13 14 15
MSB
Status Register in
16 17 18 19 20 21 22 23
14 13 12 11 10 9
15
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com