Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 46 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 46 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 41Page - ELM Electronics GD25Q21 Datasheet HTML 42Page - ELM Electronics GD25Q21 Datasheet HTML 43Page - ELM Electronics GD25Q21 Datasheet HTML 44Page - ELM Electronics GD25Q21 Datasheet HTML 45Page - ELM Electronics GD25Q21 Datasheet HTML 46Page - ELM Electronics GD25Q21 Datasheet HTML 47Page - ELM Electronics GD25Q21 Datasheet HTML 48Page - ELM Electronics GD25Q21 Datasheet HTML 49Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
46
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
9. ORDERING INFORMATION
Packing Type
Y: Tray
R: Tape & Reel
Green Code
G: Pb Free & Halogen Free Green Package
Temperature Range
I: Industrial(-40°C to +85°C)
Package Type
T: SOP8 150mil
S: SOP8 208mil
U: USON8 (3×2mm)
Generation
B: Version
Density
21: 2Mb
Series
Q: 2.7~3.6V, 4KB Uniform Sector, Quad I/O
Product Family
25: Serial Flash
GD 25 Q 21 B x I G x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com