Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 44 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 44 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 40Page - ELM Electronics GD25Q21 Datasheet HTML 41Page - ELM Electronics GD25Q21 Datasheet HTML 42Page - ELM Electronics GD25Q21 Datasheet HTML 43Page - ELM Electronics GD25Q21 Datasheet HTML 44Page - ELM Electronics GD25Q21 Datasheet HTML 45Page - ELM Electronics GD25Q21 Datasheet HTML 46Page - ELM Electronics GD25Q21 Datasheet HTML 47Page - ELM Electronics GD25Q21 Datasheet HTML 48Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
44
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
8.8. AC Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: FAST_READ, PP, SE, BE, DP,
RES, WREN, WRDI, WRSR, RDSR, RDID (*1,*2,*4 I/O)
DC.
104
MHz
fR
Serial Clock Frequency For: Read
DC.
80
MHz
tCLH Serial Clock High Time
3.5
ns
tCLL Serial Clock Low Time
3.5
ns
tCLCH Serial Clock Rise Time (Slew Rate)
0.2
V/ns
tCHCL Serial Clock Fall Time (Slew Rate)
0.2
V/ns
tSLCH CS# Active Setup Time
5
ns
tCHSH CS# Active Hold Time
5
ns
tSHCH CS# Not Active Setup Time
5
ns
tCHSL CS# Not Active Hold Time
5
ns
tSHSL CS# High Time (Read/Write)
20
ns
tSHQZ Output Disable Time
6
ns
tCLQX Output Hold Time
1.2
ns
tDVCH Data In Setup Time
2
ns
tCHDX Data In Hold Time
5
ns
tHLCH Hold# Low Setup Time (Relative to Clock)
3.5
ns
tHHCH Hold# High Setup Time (Relative to Clock)
3.5
ns
tCHHL Hold# High Hold Time (Relative to Clock)
3.5
ns
tCHHH Hold# Low Hold Time (Relative to Clock)
3.5
ns
tHLQZ Hold# Low To High-Z Output
6
ns
tHHQX Hold# Low To Low-Z Output
6
ns
tCLQV Clock Low To Output Valid
6
ns
tWHSL Write Protect Setup Time Before CS# Low
20
ns
tSHWL Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
0.1
μs
tRES1 CS# High To Standby Mode Without Electronic Signature Read
5
μs
tRES2 CS# High To Standby Mode With Electronic Signature Read
5
μs
tHPM CS# High To High Performance Mode
0.2
μs
tSUS CS# High To Next Command After Suspend
20
μs
tW
Write Status Register Cycle Time
10
30
ms
tPP
Page Programming Time
0.35
2.4
ms
tSE
Sector Erase Time
50
200/400(1) ms
tBE
Block Erase Time(32K/64K)
0.18/0.25
0.6/0.8
s
tCE
Chip Erase Time
0.8
1.5
s
(T= -40°C~85°C, VCC=2.7~3.6V, CL=30pf)
Note:
(1). Max Value tSE with <50K cycles is 200 ms and >50K & <100K cycles is 400 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com