Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 15 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 15 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 11Page - ELM Electronics GD25Q21 Datasheet HTML 12Page - ELM Electronics GD25Q21 Datasheet HTML 13Page - ELM Electronics GD25Q21 Datasheet HTML 14Page - ELM Electronics GD25Q21 Datasheet HTML 15Page - ELM Electronics GD25Q21 Datasheet HTML 16Page - ELM Electronics GD25Q21 Datasheet HTML 17Page - ELM Electronics GD25Q21 Datasheet HTML 18Page - ELM Electronics GD25Q21 Datasheet HTML 19Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
15
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
7.3. Write Enable for Volatile Status Register (50H)
The non-volatile Status Register bits can also be written to as volatile bits. This gives more flexibility to
change the system configuration and memory protection schemes quickly without waiting for the typical non-
volatile bit write cycles or affecting the endurance of the Status Register non-volatile bits. The Write Enable for
Volatile Status Register command must be issued prior to a Write Status Register command. The Write Enable
for Volatile Status Register command will not set the Write Enable Latch bit, it is only valid for the Write Status
Register command to change the volatile Status Register bit values.
Figure 4. Write Enable for Volatile Status Register Sequence Diagram
CS#
SCLK
Command(50H)
SI
SO
0 1 2 3 4 5 6 7
High-Z
Figure 5. Read Status Register Sequence Diagram
Command
0 1 2 3 4 5 6 7
05H or 35H
CS#
SCLK
SI
SO
High-Z
8 9 10 11 12 13 14 15
7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7
MSB
S7~S0 or S15~S8 out
S7~S0 or S15~S8 out
MSB
7.4. Read Status Register (RDSR) (05H or 35H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may be read
at any time, even while a Program, Erase or Write Status Register cycle is in progress. When one of these cycles
is in progress, it is recommended to check the Write In Progress (WIP) bit before sending a new command to
the device. It is also possible to read the Status Register continuously. For command code “05H”, the SO will
output Status Register bits S7~S0. The command code “35H”, the SO will output Status Register bits S15~S8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com