Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 6 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 6 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 2Page - ELM Electronics GD25Q21 Datasheet HTML 3Page - ELM Electronics GD25Q21 Datasheet HTML 4Page - ELM Electronics GD25Q21 Datasheet HTML 5Page - ELM Electronics GD25Q21 Datasheet HTML 6Page - ELM Electronics GD25Q21 Datasheet HTML 7Page - ELM Electronics GD25Q21 Datasheet HTML 8Page - ELM Electronics GD25Q21 Datasheet HTML 9Page - ELM Electronics GD25Q21 Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
Each device has
Each block has
Each sector has
Each page has
256K
64/32K
4K
256
bytes
1K
256/128
16
-
pages
64
16/8
-
-
sectors
4/8
-
-
-
blocks
3. MEMORY ORGANIZATION
Block
Sector
Address range
3
64
03F000H
03FFFFH
-----
-----
-----
-----
-----
-----
2
47
02F000H
02FFFFH
-----
-----
-----
32
020000H
020FFFH
1
31
01F000H
01FFFFH
-----
-----
-----
16
010000H
010FFFH
0
15
00F000H
00FFFFH
-----
-----
-----
0
000000H
000FFFH
GD25Q21B
GD25Q21B 64K Bytes Block Sector Architecture
4. DEVICE OPERATION
SPI Mode
Standard SPI
The GD25Q21B feature a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select (CS#),
Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported. Input data is
latched on the rising edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI
The GD25Q21B supports Dual SPI operation when using the “Dual Output Fast Read” and “Dual I/O Fast
Read” (3BH and BBH) commands. These commands allow data to be transferred to or from the device at two
times the rate of the standard SPI. When using the Dual SPI command the SI and SO pins become bidirectional
I/O pins: IO0 and IO1.
Uniform Block Sector Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com