Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 28 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 28 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 24Page - ELM Electronics GD25Q21 Datasheet HTML 25Page - ELM Electronics GD25Q21 Datasheet HTML 26Page - ELM Electronics GD25Q21 Datasheet HTML 27Page - ELM Electronics GD25Q21 Datasheet HTML 28Page - ELM Electronics GD25Q21 Datasheet HTML 29Page - ELM Electronics GD25Q21 Datasheet HTML 30Page - ELM Electronics GD25Q21 Datasheet HTML 31Page - ELM Electronics GD25Q21 Datasheet HTML 32Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
28
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
7.17. Sector Erase (SE) (20H)
The Sector Erase (SE) command is for erasing the all data of the chosen sector. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit. The Sector Erase (SE)
command is entered by driving CS# low, followed by the command code, and 3-address byte on SI. Any address
inside the sector is a valid address for the Sector Erase (SE) command. CS# must be driven low for the entire
duration of the sequence.
The Sector Erase command sequence: CS# goes low → sending Sector Erase command → 3-byte address on
SI → CS# goes high. The command sequence is shown in Figure21. CS# must be driven high after the eighth bit
of the last address byte has been latched in; otherwise the Sector Erase (SE) command is not executed. As soon
as CS# is driven high, the self-timed Sector Erase cycle (whose duration is tSE) is initiated. While the Sector
Erase cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit.
The Write In Progress (WIP) bit is 1 during the self-timed Sector Erase cycle, and is 0 when it is completed. At
some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. A Sector Erase
(SE) command applied to a sector which is protected by the Block Protect (BP4, BP3, BP2, BP1, BP0) bit (see
Table1.) is not executed.
Figure 21. Sector Erase Sequence Diagram
Command
0 1 2 3 4 5 6 7
20H
CS#
SCLK
SI
8 9
29 30 31
MSB
2 1 0
24 Bits Address
23 22
7.18. 32KB Block Erase (BE) (52H)
The 32KB Block Erase (BE) command is for erasing the all data of the chosen block. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit. The 32KB Block Erase
(BE) command is entered by driving CS# low, followed by the command code, and three address bytes on SI.
Any address inside the block is a valid address for the 32KB Block Erase (BE) command. CS# must be driven
low for the entire duration of the sequence.
The 32KB Block Erase command sequence: CS# goes low → sending 32KB Block Erase command → 3-byte
address on SI→ CS# goes high. The command sequence is shown in Figure22. CS# must be driven high after
the eighth bit of the last address byte has been latched in; otherwise the 32KB Block Erase (BE) command is not
executed. As soon as CS# is driven high, the self-timed Block Erase cycle (whose duration is tBE) is initiated.
While the Block Erase cycle is in progress, the Status Register may be read to check the value of the Write In
Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Block Erase cycle, and is 0 when
it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is
reset. A 32KB Block Erase (BE) command applied to a block which is protected by the Block Protect (BP4,
BP3, BP2, BP1, BP0) bits (see Table1.) is not executed.
Figure 22. 32KB Block Erase Sequence Diagram
Command
0 1 2 3 4 5 6 7
52H
CS#
SCLK
SI
8 9
29 30 31
MSB
2 1 0
24 Bits Address
23 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com