Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 27 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 27 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 23Page - ELM Electronics GD25Q21 Datasheet HTML 24Page - ELM Electronics GD25Q21 Datasheet HTML 25Page - ELM Electronics GD25Q21 Datasheet HTML 26Page - ELM Electronics GD25Q21 Datasheet HTML 27Page - ELM Electronics GD25Q21 Datasheet HTML 28Page - ELM Electronics GD25Q21 Datasheet HTML 29Page - ELM Electronics GD25Q21 Datasheet HTML 30Page - ELM Electronics GD25Q21 Datasheet HTML 31Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
27
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
7.16. Quad Page Program (32H)
The Quad Page Program command is for programming the memory using four pins: IO0, IO1, IO2, and IO3.
To use Quad Page Program the Quad enable in status register Bit9 must be set (QE=1). A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit before sending the
Page Program command. The quad Page Program command is entered by driving CS# Low, followed by the
command code (32H), three address bytes and at least one data byte on IO pins.
The command sequence is shown in Figure20. If more than 256 bytes are sent to the device, previously latched
data are discarded and the last 256 data bytes are guaranteed to be programmed correctly within the same page.
If less than 256 data bytes are sent to device, they are correctly programmed at the requested addresses without
having any effects on the other bytes of the same page. CS# must be driven high after the eighth bit of the last
data byte has been latched in; otherwise the Quad Page Program (PP) command is not executed.
As soon as CS# is driven high, the self-timed Quad Page Program cycle (whose duration is tPP) is initiated.
While the Quad Page Program cycle is in progress, the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Quad Page Program
cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable
Latch (WEL) bit is reset.
A Quad Page Program command applied to a page which is protected by the Block Protect (BP4, BP3, BP2,
BP1, and BP0) is not executed.
Figure 20. Quad Page Program Sequence Diagram
Command
0 1 2 3 4 5 6 7
32H
CS#
SCLK
8 9 10
28 29 30 31
3 2 1 0
23 22 21
24-bit address
32 33 34 35
4 0
MSB
36 37 38 39
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
Byte1 Byte2
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
Byte11
4 0
5 1
6 2
7 3
Byte12
4 0
5 1
6 2
7 3
Byte253
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
4 0
5 1
6 2
7 3
Byte256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com