Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 41 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 41 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 37Page - ELM Electronics GD25Q21 Datasheet HTML 38Page - ELM Electronics GD25Q21 Datasheet HTML 39Page - ELM Electronics GD25Q21 Datasheet HTML 40Page - ELM Electronics GD25Q21 Datasheet HTML 41Page - ELM Electronics GD25Q21 Datasheet HTML 42Page - ELM Electronics GD25Q21 Datasheet HTML 43Page - ELM Electronics GD25Q21 Datasheet HTML 44Page - ELM Electronics GD25Q21 Datasheet HTML 45Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
41
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
8.1. Power-On Timing
Symbol
Parameter
Min
Typ
Max
Unit
tVSL
VCC(min) To CS# Low
10
us
tPUW
Time Delay Before Write Instruction
1
10
ms
VWI
Write Inhibit Voltage
2.1
2.3
2.5
V
Table3. Power-Up Timing and Write Inhibit Threshold
8. ELECTRICAL CHARACTERISTICS
8.2. Initial Delivery State
The device is delivered with the memory array erased: all bits are set to 1(each byte contains FFH). The Status
Register contains 00H (all Status Register bits are 0).
8.3. Data Retention and Endurance
Parameter
Test Condition
Min
Unit
Minimum Pattern Data Retention Time
150°C
10
Years
125°C
20
Years
Erase/Program Endurance
-40 to 85°C
100K
Cycles
8.4. Latch Up Characteristics
Parameter
Min
Max
Input Voltage Respect To VSS On I/O Pins
-1.0V
VCC+1.0V
VCC Current
-100mA
100mA
Figure 39. Power-on Timing Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com