Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 37 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 37 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 33Page - ELM Electronics GD25Q21 Datasheet HTML 34Page - ELM Electronics GD25Q21 Datasheet HTML 35Page - ELM Electronics GD25Q21 Datasheet HTML 36Page - ELM Electronics GD25Q21 Datasheet HTML 37Page - ELM Electronics GD25Q21 Datasheet HTML 38Page - ELM Electronics GD25Q21 Datasheet HTML 39Page - ELM Electronics GD25Q21 Datasheet HTML 40Page - ELM Electronics GD25Q21 Datasheet HTML 41Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
37
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
Figure 33. Erase Security Registers command Sequence Diagram
Command
0 1 2 3 4 5 6 7
44H
CS#
SCLK
SI
8 9
29 30 31
MSB
2 1 0
24 Bits Address
23 22
7.29. Program Security Registers (42H)
The Program Security Registers command is similar to the Page Program command. It allows from 1 to 512
bytes Security Registers data to be programmed. A Write Enable (WREN) command must previously have been
executed to set the Write Enable Latch (WEL) bit before sending the Program Security Registers command. The
Program Security Registers command is entered by driving CS# Low, followed by the command code (42H),
three address bytes and at least one data byte on SI. As soon as CS# is driven high, the self-timed Program
Security Registers cycle (whose duration is tPP) is initiated. While the Program Security Registers cycle is in
progress, the Status Register may be read to check the value of the Write in Progress (WIP) bit. The Write in
Progress (WIP) bit is 1 during the self-timed Program Security Registers cycle, and is 0 when it is completed. At
some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
If the Security Registers Lock Bit (LB3-1) is set to 1, the Security Registers will be permanently locked.
Program Security Registers command will be ignored.
Address
A23-16
A15-12
A11-9
A8-0
Security Register #1
00H
0 0 0 1
0 0 0
Byte Address
Security Register #2
00H
0 0 1 0
0 0 0
Byte Address
Security Register #3
00H
0 0 1 1
0 0 0
Byte Address
Figure 34. Program Security Registers command Sequence Diagram
Command
0 1 2 3 4 5 6 7
42H
CS#
SCLK
SI
8 9 10
28 29 30 31
3 2 1 0
23 22 21
24-bit address
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
6 5 4 3 2 1 0
7
CS#
SCLK
SI
MSB
Data Byte 2
32 33 34 35
7 6 5 4 3 2 1 0
MSB
6 5 4 3 2 1 0
7
6 5 4 3 2 1 0
7
Data Byte 1
Data Byte 3
Data Byte 256
MSB
MSB
MSB
36 37 38 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com