Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 48 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 48 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 41Page - ELM Electronics GD25Q21 Datasheet HTML 42Page - ELM Electronics GD25Q21 Datasheet HTML 43Page - ELM Electronics GD25Q21 Datasheet HTML 44Page - ELM Electronics GD25Q21 Datasheet HTML 45Page - ELM Electronics GD25Q21 Datasheet HTML 46Page - ELM Electronics GD25Q21 Datasheet HTML 47Page - ELM Electronics GD25Q21 Datasheet HTML 48Page - ELM Electronics GD25Q21 Datasheet HTML 49Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
48
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
10.2 Package SOP8 208MIL
1
4
5
8
E1
E
D
A
A2
A1
e
b
L
L1
C
�
Symbol
A
A1
A2
b
c
D
E
E1
e
L
L1
θ
Unit
mm
Min
-
0.05
1.70
0.31
0.18
5.13
7.70
5.18
-
0.50
1.21
0°
Nom
-
0.15
1.80
0.41
0.21
5.23
7.90
5.28
1.27
0.67
1.31
5°
Max
2.16
0.25
1.91
0.51
0.25
5.33
8.10
5.38
-
0.85
1.41
8°
Inch
Min
-
0.002 0.067 0.012 0.007 0.202 0.303 0.204
-
0.020 0.048
0°
Nom
-
0.006 0.071 0.016 0.008 0.206 0.311 0.208 0.050 0.026 0.052
5°
Max 0.085 0.010 0.075 0.020 0.010 0.210 0.319 0.212
-
0.033 0.056
8°
Dimensions
Note: Both package length and width do not include mold flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com