Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 20 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 20 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 16Page - ELM Electronics GD25Q21 Datasheet HTML 17Page - ELM Electronics GD25Q21 Datasheet HTML 18Page - ELM Electronics GD25Q21 Datasheet HTML 19Page - ELM Electronics GD25Q21 Datasheet HTML 20Page - ELM Electronics GD25Q21 Datasheet HTML 21Page - ELM Electronics GD25Q21 Datasheet HTML 22Page - ELM Electronics GD25Q21 Datasheet HTML 23Page - ELM Electronics GD25Q21 Datasheet HTML 24Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
20
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
7.10. Quad Output Fast Read (6BH)
The Quad Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, each bit
being latched in during the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle
from IO3, IO2, IO1 and IO0. The command sequence is shown in followed Figure11. The first byte addressed
can be at any location. The address is automatically incremented to the next higher address after each byte of
data is shifted out.
Figure 11. Quad Output Fast Read Sequence Diagram
Command
0 1 2 3 4 5 6 7
6BH
CS#
SCLK
SI(IO0)
SO(IO1)
High-Z
8 9 10
28 29 30 31
3 2 1 0
23 22 21
24-bit address
34 35 36 37
33
1 5 1 5 1 5 1
38 39
Byte1
32
42 43 44 45
41
46 47
40
5
Dummy Clocks
0 4 0 4 0 4 0
4
4
5
WP#(IO2)
High-Z
HOLD#(IO3)
High-Z
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
2 6 2 6 2 6 2
6
6
3 7 3 7 3 7 3
7
7
Byte2 Byte3 Byte4
7.11. Dual I/O Fast Read (BBH)
The Dual I/O Fast Read command is similar to the Dual Output Fast Read command but with the capability
to input the 3-byte address (A23-0) and a “Continuous Read Mode” byte 2-bit per clock by SI and SO, each bit
being latched in during the rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle
from SI and SO. The command sequence is shown in followed Figure12. The first byte addressed can be at any
location. The address is automatically incremented to the next higher address after each byte of data is shifted
out. To ensure optimum performance the High Performance Mode (HPM) command (A3H) must be executed
once, prior to the Dual I/O Fast Read command.
Dual I/O Fast Read with “Continuous Read Mode”
The Dual I/O Fast Read command can further reduce command overhead through setting the “Continuous
Read Mode” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M7-0)
=AXH, then the next Dual I/O Fast Read command (after CS# is raised and then lowered) does not require the
BBH command code. The command sequence is shown in followed Figure13. If the “Continuous Read Mode”
bits (M7-0) are any value other than AXH, the next command requires the first BBH command code, thus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com