Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 25 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 25 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 21Page - ELM Electronics GD25Q21 Datasheet HTML 22Page - ELM Electronics GD25Q21 Datasheet HTML 23Page - ELM Electronics GD25Q21 Datasheet HTML 24Page - ELM Electronics GD25Q21 Datasheet HTML 25Page - ELM Electronics GD25Q21 Datasheet HTML 26Page - ELM Electronics GD25Q21 Datasheet HTML 27Page - ELM Electronics GD25Q21 Datasheet HTML 28Page - ELM Electronics GD25Q21 Datasheet HTML 29Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
25
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
W6, W5
W4=0
W4=1 (default)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0, 0
Yes
8-byte
No
N/A
0, 1
Yes
16-byte
No
N/A
1, 0
Yes
32-byte
No
N/A
1, 1
Yes
64-byte
No
N/A
If the W6-W4 bits are set by the Set Burst with Wrap command, all the following “Quad I/O Fast Read” and
“Quad I/O Word Fast Read” command will use the W6-W4 setting to access the 8/16/32/64-byte section within
any page. To exit the “Wrap Around” function and return to normal read operation, another Set Burst with Wrap
command should be issued to set W4=1.
7.14. Set Burst with Wrap (77H)
The Set Burst with Wrap command is used in conjunction with “Quad I/O Fast Read” and “Quad I/O Word
Fast Read” command to access a fixed length of 8/16/32/64-byte section within a 256-byte page, in standard SPI
mode. The Set Burst with Wrap command sequence: CS# goes low → Send Set Burst with Wrap command →
Send 24 dummy bits → Send 8 bits “Wrap bits” → CS# goes high.
Figure 18. Set Burst with Wrap Sequence Diagram
Command
0 1 2 3 4 5 6 7
77H
CS#
SCLK
SI(IO0)
SO(IO1)
8 9 10 11 12 13 14 15
x x x x x x 4 x
x x x x x x 5 x
W6-W4
x x x x x x 6 x
x x x x x x x x
WP#(IO2)
HOLD#(IO3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com