Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 12 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 12 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 8Page - ELM Electronics GD25Q21 Datasheet HTML 9Page - ELM Electronics GD25Q21 Datasheet HTML 10Page - ELM Electronics GD25Q21 Datasheet HTML 11Page - ELM Electronics GD25Q21 Datasheet HTML 12Page - ELM Electronics GD25Q21 Datasheet HTML 13Page - ELM Electronics GD25Q21 Datasheet HTML 14Page - ELM Electronics GD25Q21 Datasheet HTML 15Page - ELM Electronics GD25Q21 Datasheet HTML 16Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
12
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
NOTE:
(1) Write Status Register (01H)
Normally, Write Status Register (01H) is used to write both lower status register and higher status register;
However, if CS# goes up at the eighth bit of the data byte, the data byte would be written as lower byte of
status register, without changing the higher byte of status register.
(2) Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
(3) Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8 A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9 A7, A5, A3, A1, M7, M5, M3, M1
(4) Quad Output Data
IO0 = (D4, D0, …..)
IO1 = (D5, D1, …..)
IO2 = (D6, D2, …..)
IO3 = (D7, D3,…..)
(5) Quad Input Address
IO0 = A20, A16, A12, A8, A4, A0, M4, M0
IO1 = A21, A17, A13, A9, A5, A1, M5, M1
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
(6) Fast Read Quad I/O Data
IO0 = (x, x, x, x, D4, D0,…)
IO1 = (x, x, x, x, D5, D1,…)
IO2 = (x, x, x, x, D6, D2,…)
IO3 = (x, x, x, x, D7, D3,…)
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
High Performance Mode A3H
dummy
dummy
dummy
Erase Security
Registers (9)
44H
A23-A16
A15-A8
A7-A0
Program Security
Registers (9)
42H
A23-A16
A15-A8
A7-A0
(D7-D0)
(D7-D0)
Read Security
Registers (9)
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com