Electronic Components Datasheet Search
  English  ▼

X  

GD25Q21 Datasheet(PDF) 35 Page - ELM Electronics

Part # GD25Q21
Description  Uniform Sector Dual and Quad Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21 Datasheet(HTML) 35 Page - ELM Electronics

Back Button GD25Q21 Datasheet HTML 31Page - ELM Electronics GD25Q21 Datasheet HTML 32Page - ELM Electronics GD25Q21 Datasheet HTML 33Page - ELM Electronics GD25Q21 Datasheet HTML 34Page - ELM Electronics GD25Q21 Datasheet HTML 35Page - ELM Electronics GD25Q21 Datasheet HTML 36Page - ELM Electronics GD25Q21 Datasheet HTML 37Page - ELM Electronics GD25Q21 Datasheet HTML 38Page - ELM Electronics GD25Q21 Datasheet HTML 39Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
35
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
7.26. Read Identification (RDID) (9FH)
The Read Identification (RDID) command allows the 8-bit manufacturer identification to be read, followed by
two bytes of device identification. The device identification indicates the memory type in the first byte, and the
memory capacity of the device in the second byte. Any Read Identification (RDID) command while an Erase
or Program cycle is in progress, is not decoded, and has no effect on the cycle that is in progress. The Read
Identification (RDID) command should not be issued while the device is in Deep Power-Down Mode.
The device is first selected by driving CS# to low. Then, the 8-bit command code for the command is shifted
in. This is followed by the 24-bit device identification, stored in the memory, being shifted out on Serial Data
Output, each bit being shifted out during the falling edge of Serial Clock. The command sequence is shown in
Figure31. The Read Identification (RDID) command is terminated by driving CS# to high at any time during
data output. When CS# is driven high, the device is put in the Standby Mode. Once in the Standby Mode, the
device waits to be selected, so that it can receive, decode and execute commands.
Figure 31. Read Identification ID Sequence Diagram
0 1 2 3 4 5 6 7
CS#
SCLK
SI
SO
8 9 10
MSB
18 19 20 21
17
6 5 4 3 2 1 0
22 23
16
26 27 28 29
25
30 31
24
7
Capacity ID7-ID0
CS#
SCLK
SI
SO
MSB
Memory Type ID15-ID8
6 5 4 3 2 1 0
7
11 12 13 14 15
9FH
6 5 4 3 2 1 0
7
Manufacturer ID
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com