Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 5Page - Zilog, Inc. Z89321 Datasheet HTML 6Page - Zilog, Inc. Z89321 Datasheet HTML 7Page - Zilog, Inc. Z89321 Datasheet HTML 8Page - Zilog, Inc. Z89321 Datasheet HTML 9Page - Zilog, Inc. Z89321 Datasheet HTML 10Page - Zilog, Inc. Z89321 Datasheet HTML 11Page - Zilog, Inc. Z89321 Datasheet HTML 12Page - Zilog, Inc. Z89321 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Z89321/371/391
Zilog
16-Bit Digital Signal Processors
DS97DSP0100
P R E L I M I N A R Y
9
1
Table 4. Z89391 84-Pin PLCC Pin IdentiÞcation
No. Symbol
Function
Direction
1
RXD
Serial Input from CODEC
Input
2
EXT12
External Data 12
In/Output
3
PA4
Program Address 4
Output
4
EXT13
External Data 13
In/Output
5
PA5
Program Address 5
Output
6
EXT14
External Data 14
In/Output
7
PA6
Program Address 6
Output
8VSS
Ground
9
PA7
Program Address 7
Output
10
EXT15
External Data 15
In/Output
11
/PA_EN
Prog. Mem. Address Enable Input
12
/EXTEN
Ext. Bus Enable
Input
13
EXT3
External Data 3
In/Output
14
PA8
Program Address 8
Output
15
EXT4
External Data 4
In/Output
16
PA9
Program Address 9
Output
17
VSS
Ground
18
EXT5
External Data 5
In/Output
19
PA10
Program Address 10
Output
20
EXT6
External Data 6
In/Output
21
PA11
Program Address 11
Output
22
EXT7
External Data 7
In/Output
23
TXD
Serial Output to CODEC
Output
24
PA12
Program Address 12
Output
25
EXT8
External Data 8
In/Output
26
PA13
Program Address 13
Output
27
EXT9
External Data 9
In/Output
28
VSS
Ground
29
PA14
Program Address 14
Output
30
EXT10
External Data 10
In/Output
31
PA15
Program Address 15
Output
32
VDD
Power Supply
Input
33
VSS
Ground
34
PD0
Program Data 0
Input
35
EXT11
External Data 11
In/Output
36
PD1
Program Data 1
Input
37
INT2
User Interrupt 2
Input
38
PD2
Program Data 2
Input
39
INT1
User Interrupt 1
Input
40
PD3
Program Data 3
Input
41
UI1
User Input 1
Input
42
UI0
User Input 0
Input
43
SCLK
CODEC Interface Clock
In/Output
44
VDD
Power Supply
Input
45
RD//WR
R/W External Bus
Output
46
PD4
Program Data 4
Input
47
WAIT
Wait State Input
Input
48
PD5
Program Data 5
Input
49
/RESET
Reset
Input
50
PD6
Program Data 6
Input
51
EA0
External Address 0
Output
52
PD7
Program Data 7
Input
53
VDD
Power Supply
Input
54
/ROMEN
ROM Enable
Input
55
EA1
External Address 1
Output
56
PD8
Program Data 8
Input
57
EA2
External Address 2
Output
58
PD9
Program Data 9
Input
59
VDD
Power Supply
Input
60
PD10
Program Data 10
Input
61
/DS
External Data Strobe
Output
62
CLK
Clock
Input
63
PD11
Program Data 11
Input
64
HALT
Stop Execution
Input
65
FS0
Frame Synch for CODEC
Interface 0
In/Output
66
INT0
User Interrupt 0
Input
67
PD12
Program Data 12
Input
68
UO0
User Output 0
Input
69
PD13
Program Data 13
Input
70
UO1
User Output 1
Input
71
PD14
Program Data 14
Input
72
FS1
Frame Synch for CODEC
Interface 1
In/Output
73
PD15
Program Data 15
Input
74
VSS
Ground
75
VDD
Power Supply
Input
76
PA0
Program Address 0
Output
77
VSS
Ground
78
EXT0
External Data 0
In/Output
79
PA1
Program Address 1
Output
80
EXT1
External Data 1
In/Output
81
PA2
Program Address 2
Output
82
EXT2
External Data 2
In/Output
83
PA3
Program Address 3
Output
84
VSS
Ground
Note: *Input or output is defined by interface mode selection.
Table 4. Z89391 84-Pin PLCC Pin IdentiÞcation
No. Symbol
Function
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com