| Electronic Components Datasheet Search |
|
Z89321 Datasheet(PDF) 22 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z89321 Datasheet(HTML) 22 Page - Zilog, Inc. |
|
22 / 40 page ![]() Z89321/371/391 16-Bit Digital Signal Processors Zilog 22 P R E L I M I N A R Y DS97DSP0100 The status register can always be read in its entirety. S15- S10 are set/reset by hardware and can only be read by software. S9-S0 control hardware looping and can be writ- ten by software (Table 6). S15-S12 are set/reset by the ALU after an operation. S11- S10 are set/reset by the user inputs. S6-S0 are control bits described in Table 5. S7 enables interrupts. If S8 is set, the hardware clamps at maximum positive or negative values instead of overflowing. If S9 is set and a multiple/shift op- tion is used, then the shifter shifts the result three bits right. This feature allows the data to be scaled and prevents overflows. PC is the Program Counter. When this register is assigned as a destination register, one NOP machine cycle is added automatically to adjust the pipeline timing. External Register, EXT4-EXT7, are used by the CODEC interface and 13-bit timer, the registers are reviewed in the CODEC interface section. Table 6. RPL Description S2 S1 S0 Loop Size 0 0 0 256 00 1 2 01 0 4 01 1 8 10 0 16 10 1 32 11 0 64 1 1 1 128 Figure 18. Status Register 0 0 0 0 0 1 0 1 0 0 1 1 1 0 0 1 0 1 1 1 0 1 1 1 256 2 4 8 16 32 64 128 "Short Form Direct" bits User Output 0-1* Interrupt Enable Overflow protection MPY output arithmetically shifted right by three bits User Input 0-1 (Read Only) Carry Zero Overflow Negative Ram Pointer Loop Size * The output value is the opposite of the status register content. S7 S6 S5 S4 S3 S2 S1 S0 S15 S14 S13 S12 S11 S10 S9 S8 NOV Z C UI1 UI0 SH3 OP IE UO1 UO0 RPL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |