Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 15Page - Zilog, Inc. Z89321 Datasheet HTML 16Page - Zilog, Inc. Z89321 Datasheet HTML 17Page - Zilog, Inc. Z89321 Datasheet HTML 18Page - Zilog, Inc. Z89321 Datasheet HTML 19Page - Zilog, Inc. Z89321 Datasheet HTML 20Page - Zilog, Inc. Z89321 Datasheet HTML 21Page - Zilog, Inc. Z89321 Datasheet HTML 22Page - Zilog, Inc. Z89321 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Z89321/371/391
Zilog
16-Bit Digital Signal Processors
DS97DSP0100
P R E L I M I N A R Y
19
1
FUNCTIONAL DESCRIPTION
Instruction Timing. Most instructions are executed in one
machine cycle. Long immediate instructions and Jump or
Call instructions are executed in two machine cycles. A
multiplication or multiplication/accumulate instruction re-
quires a single cycle. Specific instruction cycle times are
described in the Condition Code section.
Multiply/Accumulate. The multiplier can perform a 16-bit
x 16-bit multiply, or multiply accumulate, in one machine
cycle using the Accumulator and/or both the X and Y in-
puts. The multiplier produces a 32-bit result, however, only
the 24 most significant bits are saved for the next instruc-
tion or accumulation. For operations on very small num-
bers where the least significant bits are important, the data
should first be scaled by eight bits (or the multiplier and
multiplicand by four bits each) to avoid truncation errors.
Note that all inputs to the multiplier should be fractional
twoÕs-complement, 16-bit binary numbers (Figure 16). This
puts them in the range [Ð1 to 0.9999695], and the result is
in 24 bits so that the range is [Ð1 to 0.9999999]. In addition,
if 8000H is loaded into both X and Y registers, the resulting
multiplication is considered an illegal operation as an over-
flow would result. Positive one cannot be represented in
fractional notation, and the multiplier will actually yield the
result 8000H x 8000H = 8000H (Ð1 x Ð1 = Ð1).
ALU. The ALU has two input ports, one of which is con-
nected to the output of the 24-bit Accumulator. The other
input is connected to the 24-bit P-Bus, the upper 16 bits of
which are connected to the 16-bit D-Bus. A shifter between
the P-Bus and the ALU input port can shift the data by
three bits right, one bit right, one bit left or no shift (Figure
17).
Figure 16. Multiplier Block Diagram
X Register (16)
Y Register (16)
Multiplier
P Register (24)
DDATA
XDATA
16
16
MUX
Shift Unit *
24
24
24
24
* Options:
1 Bit Right
3 Bits Right
No Shift
1 Bit Left
Figure 17. ALU Block Diagram
Arithmetic Logic Unit (ALU)
24
24
Accumulator (24)
24
* Options:
1 Bit Right
3 Bits Right
No Shift
1 Bit Left
DDATA
MUX
24
16
Mult. (24)
Shift Unit *
24
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com