Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 34 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 34 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 30Page - Zilog, Inc. Z89321 Datasheet HTML 31Page - Zilog, Inc. Z89321 Datasheet HTML 32Page - Zilog, Inc. Z89321 Datasheet HTML 33Page - Zilog, Inc. Z89321 Datasheet HTML 34Page - Zilog, Inc. Z89321 Datasheet HTML 35Page - Zilog, Inc. Z89321 Datasheet HTML 36Page - Zilog, Inc. Z89321 Datasheet HTML 37Page - Zilog, Inc. Z89321 Datasheet HTML 38Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Z89321/371/391
16-Bit Digital Signal Processors
Zilog
34
P R E L I M I N A R Y
DS97DSP0100
ADDRESSING MODES (Continued)
ADDRESSING MODES
This section discusses the syntax of the addressing
modes supported by the DSP assembler.
Figure 33. CODEC Timer Register
D7
D6
D5
D4
D3
D2
D1
D0
D15
D14
D13
D12
D11
D10
D9
D8
EXT4
Count Value (Down-Counter)
Clock Source
Count Operation
Counter
0 Oscillator/2*
1 CODEC Counter Output
0 = Disable*
1 = Enable
0 = Disable
1 = Enable*
* Default State
Table 8. Addressing Modes
Symbolic Name
Syntax
Description
<pregs>
Pn:b
Pointer Register
<dregs> (Points to RAM)
Dn:b
Data Register
<hwregs>
X,Y,PC,SR,P , EXTn, A, BUS Hardware Registers
<accind> (Points to Program Memory
@A
Accumulator Memory Indirect
<direct>
<expression>
Direct Address Expression
<limm>
#<const exp>
Long (16-bit) Immediate Value
<simm>
#<const exp>
Short (8-bit) Immediate Value
<regind> (Points to RAM)
@Pn:b
Pointer Register Indirect
@Pn:b+
Pointer Register Indirect with Increment
@Pn:bÐLOOP
Pointer Register Indirect with Loop Decrement
@Pn:b+LOOP
Pointer register Indirect with Loop Increment
<memind> (Points to Program Memory) @@Pn:b
Pointer Register Memory Indirect
@Dn:b
Data Register Memory Indirect
@@Pn:bÐLOOP
Pointer Register Memory Indirect with Loop
Decrement
@@Pn:b+LOOP
Pointer Register Memory Indirect with Loop
Increment
@@Pn:b+
Pointer Register Memory Indirect with Increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com