Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 24 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 20Page - Zilog, Inc. Z89321 Datasheet HTML 21Page - Zilog, Inc. Z89321 Datasheet HTML 22Page - Zilog, Inc. Z89321 Datasheet HTML 23Page - Zilog, Inc. Z89321 Datasheet HTML 24Page - Zilog, Inc. Z89321 Datasheet HTML 25Page - Zilog, Inc. Z89321 Datasheet HTML 26Page - Zilog, Inc. Z89321 Datasheet HTML 27Page - Zilog, Inc. Z89321 Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Z89321/371/391
16-Bit Digital Signal Processors
Zilog
24
P R E L I M I N A R Y
DS97DSP0100
CODEC Interface
The CODEC Interface provides direct-connect capabilities
for standard 8-, 16-bit CODECs. The interface also sup-
ports 8-bit PCM, 8-bit PCM with hardware
m-law conver-
sion (
m-law expansion is done in software), 16-bit Linear
and Crystal's Sigma-Delta Stereo CODEC modes. Regis-
ters are used to accommodate the CODEC Interface
(EXT5, EXT6 and EXT7). The CODEC interface provides
two Frame Sync signals, which allows two channels of
data for transmission/receiving.
CODEC Interface Hardware
The CODEC Interface hardware uses six 16-bit registers,
m-law compression logic and general-purpose logic to con-
trol transfers to the appropriate register (Figure 20).
CODEC Interface Control Signals
SCLK (Serial Clock)
The Serial Clock provides a clock signal for operating the
external CODEC. A 4-bit prescaler is used to determine
the frequency of the output signal.
Note: An internal divide-by-two is performed before the
clock signal is passed to the Serial Clock prescaler.
SCLK = (0.5* CLK)/PS
where: CLK = System Clock
PS = 4-bit Prescaler*
* The Prescaler is an up-counter.
Figure 20. CODEC Interface Block Diagram
m-Law
Compression
Data Bus
16
16
16
16
16
16
CLKIN
TXD
EXT5-2
CLKIN
CLKIN
CLKIN
CLKIN
EXT5-1
EXT6-1
EXT6-2
CONTROL
LOGIC
RXD
EXT7-1
EXT7-2
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com