Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 19Page - Zilog, Inc. Z89321 Datasheet HTML 20Page - Zilog, Inc. Z89321 Datasheet HTML 21Page - Zilog, Inc. Z89321 Datasheet HTML 22Page - Zilog, Inc. Z89321 Datasheet HTML 23Page - Zilog, Inc. Z89321 Datasheet HTML 24Page - Zilog, Inc. Z89321 Datasheet HTML 25Page - Zilog, Inc. Z89321 Datasheet HTML 26Page - Zilog, Inc. Z89321 Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Z89321/371/391
Zilog
16-Bit Digital Signal Processors
DS97DSP0100
P R E L I M I N A R Y
23
1
PERIPHERAL OPERATION
Disabling Peripherals
Disabling a peripheral (CODEC Interface, Counter) allows
general-purpose use of the EXT address for the disabled
peripheral. If the peripheral is not disabled, the EXT control
signals and EXT data are still provided, but transfer of data
on the EXT pins is not available (because internal transfers
are being processed on the internal bus). Care must be
taken to ensure that control of the EXT bus does not cause
bus conflicts.
Reading Data from CODEC Interface*
External data is serially transferred into the CODEC inter-
face registers from an external CODEC. This serial data is
loaded into EXT5-2 (8- or 16-bit modes). Because the in-
terface is double-buffered, data must be transferred to
EXT5-1 before being transferred along the internal data
bus of the processor. This is accomplished by writing data
to EXT5-2.
Writing Data to CODEC Interface
Internal data is transferred from the internal data bus of the
processor to the EXT5-2 register. The CODEC interface
constantly transfers and receives data during normal oper-
ation. Data to be transferred is loaded to EXT5-2 and is au-
tomatically serially transferred.
Note: EXT5-1 and EXT5-2 are used in the example, but
this information applies equally to EXT6-1 and EXT6-2.
(Refer to Figure 20, CODEC Block Diagram.)
LOADING EXT7
Because EXT7 is double-buffered, a pair of writes are per-
formed when loading the EXT7 registers (Figure 19).
Interrupts
The Z89321 features three interrupts:
If all peripherals are enabled, INT0 (general-purpose) can
be used.
Figure 19. EXT7 Register ConÞguration
Internal 16-Bit Bus
Wait-State Register
16
EXT7-1
EXT7-2
16
CODEC Timer Register
EXT7-1
EXT7-2
LD EXT7, #%54F4
Loads CODEC Timer Register
LD EXT7, #%6CDA
Loads Wait-State Register
LD @P0:0, EXT7
Reads EXT7-1 and places
data in RAM
INT0
General-Purpose
INT1
CODEC Interface
INT2
13-Bit Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com