Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z89321 Datasheet HTML 1Page - Zilog, Inc. Z89321 Datasheet HTML 2Page - Zilog, Inc. Z89321 Datasheet HTML 3Page - Zilog, Inc. Z89321 Datasheet HTML 4Page - Zilog, Inc. Z89321 Datasheet HTML 5Page - Zilog, Inc. Z89321 Datasheet HTML 6Page - Zilog, Inc. Z89321 Datasheet HTML 7Page - Zilog, Inc. Z89321 Datasheet HTML 8Page - Zilog, Inc. Z89321 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DS97DSP0100
P R E L I M I N A R Y
1
1
PRELIMINARY PRODUCT SPECIFICATION
Z89321/371/391
1
16-BIT DIGITAL SIGNAL PROCESSORS
FEATURES
s
0
°C to +70°C Standard Temperature Range
-40
°C to +85°C Extended Temperature Range
s
4.5- to 5.5-Volt Operating Range
DSP Core
s
24 MIPS @ 24 MHz Maximum, 16-Bit Fixed Point DSP
s
41.7 ns Minimum Instruction Cycle Time
s
Six-Level Hardware Stack
s
Six Register Address Pointers
s
Optimized Instruction Set (30 Instructions)
On-Board Peripherals
s
Dual 8/16-Bit CODEC Interface Capable of up to
10 Mbps
s
m-Law Compression Option
(Decompression is Performed in Software)
s
16-Bit I/O Bus (Tri-Stated)
s
Three I/O Address Pins (Latched Outputs)
s
Wait-State Generator
s
Three Vectored Interrupts
s
13-Bit General-Purpose Timer
GENERAL DESCRIPTION
The Z893XX products are high-performance Digital Signal
Processors (DSPs) with a modified Harvard-type architec-
ture featuring separate program and data memory. The de-
sign has been optimized for processing power while mini-
mizing silicon space.
The single-cycle instruction execution and bus structure
promotes efficient algorithm execution, while the six regis-
ter pointers provide circular buffering capabilities and dual
operand fetching.
Three vectored interrupts are complemented by a six-level
stack, and the CODEC interface allows high-speed trans-
fer rates to accommodate digital audio and voice data.
A dedicated Counter/Timer provides the necessary timing
signals for the CODEC interface, and an additional 13-bit
timer is available for general-purpose use.
Device
DSP ROM
(KW)
OTP
(KW)
DSP RAM
Lines
MIPS
(Max)
Z89321
4
512
24
Z89371
4
512
16
Z89391
64*
512
24
Note: *External
Device
40-Pin
DIP
44-Pin
PLCC
44-Pin
QFP
84-Pin
PLCC
Z89321
X
X
X
Z89371
X
X
X
Z89391
X
Note: *General-Purpose


Similar Part No. - Z89321

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89321 ZILOG-Z89321 Datasheet
299Kb / 40P
16-BIT DIGITAL SIGNAL PROCESSORS
Z8932101ZEM ZILOG-Z8932101ZEM Datasheet
149Kb / 4P
Z89371 ACCESSORY KIT
Z8932102EM ZILOG-Z8932102EM Datasheet
149Kb / 4P
Z89371 ACCESSORY KIT
Z8932111ZEM ZILOG-Z8932111ZEM Datasheet
93Kb / 5P
Provides Source-Level Debugging for DSP Codes
Z8932112ZEM ZILOG-Z8932112ZEM Datasheet
53Kb / 5P
Windows-Based User Interface
More results

Similar Description - Z89321

ManufacturerPart #DatasheetDescription
logo
NEC
UPD77110 NEC-UPD77110 Datasheet
451Kb / 80P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
DIGITAL SIGNAL PROCESSORS
logo
Zilog, Inc.
Z89323 ZILOG-Z89323 Datasheet
514Kb / 61P
16-BIT DIGITAL SIGNAL PROCESSORS
Z8932120PSC ZILOG-Z8932120PSC Datasheet
299Kb / 40P
16-BIT DIGITAL SIGNAL PROCESSORS
Z89223 ZILOG-Z89223 Datasheet
865Kb / 60P
16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
logo
Texas Instruments
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
Digital Signal Processors
logo
Zilog, Inc.
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
logo
Texas Instruments
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com