Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 38 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 38 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 32Page - Zilog, Inc. Z89321 Datasheet HTML 33Page - Zilog, Inc. Z89321 Datasheet HTML 34Page - Zilog, Inc. Z89321 Datasheet HTML 35Page - Zilog, Inc. Z89321 Datasheet HTML 36Page - Zilog, Inc. Z89321 Datasheet HTML 37Page - Zilog, Inc. Z89321 Datasheet HTML 38Page - Zilog, Inc. Z89321 Datasheet HTML 39Page - Zilog, Inc. Z89321 Datasheet HTML 40Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Z89321/371/391
16-Bit Digital Signal Processors
Zilog
38
P R E L I M I N A R Y
DS97DSP0100
ORDERING INFORMATION
For fast results, contact your local Zilog sales office for assistance in ordering the part desired.
CODES
Package
P= Plastic DIP
V = Plastic PLCC
F = Plastic QFP
Temperature
S = 0
°C to +70°C
E = -40
°C to 85°C
Speed
20 = 20 MHz
16 = 16 MHz
Environmental
C = Plastic Standard
Z89321
Z89371
Z89391
20 MHz
16 MHz
20 MHz
44-Pin PLCC
44-pin PLCC
84-Pin PLCC
Z8932120VSC
Z8937116VSC
Z8939120VSC
20 MHz
16 MHz
40-Pin DIP
40-Pin DIP
Z8932120PSC
Z8937116PSC
20 MHz
16 MHz
44-Pin QFP
44-Pin QFP
Z8932120FSC
Z8937116FSC
Example:
Z 89321 20 V S C
Environmental Flow
Temperature
Package
Speed
Product Number
Zilog Prefix
is a Z89321, 20 MHz, PLCC, 0
°C to +70°C, Plastic Standard Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com