Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 6Page - Zilog, Inc. Z89321 Datasheet HTML 7Page - Zilog, Inc. Z89321 Datasheet HTML 8Page - Zilog, Inc. Z89321 Datasheet HTML 9Page - Zilog, Inc. Z89321 Datasheet HTML 10Page - Zilog, Inc. Z89321 Datasheet HTML 11Page - Zilog, Inc. Z89321 Datasheet HTML 12Page - Zilog, Inc. Z89321 Datasheet HTML 13Page - Zilog, Inc. Z89321 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Z89321/371/391
16-Bit Digital Signal Processors
Zilog
10
P R E L I M I N A R Y
DS97DSP0100
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for extended periods
may affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to
Ground. Positive current flows into the referenced pin (Fig-
ure 6).
Symbol Description
Min.
Max. Units
VCC
Supply voltage (*)
Ð0.3
+7.0
V
TSTG Storage Temp.
Ð65
°
+150
°C
TA
Oper. Ambient Temp.
°C
Note:
* Voltage on all pins with respect to GND.
See Ordering Information.
Figure 6. Test Load Diagram
+5V
From Output
Under Test
30 pF
9.1 K
W
2.1 K
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com