Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z89321 Datasheet HTML 1Page - Zilog, Inc. Z89321 Datasheet HTML 2Page - Zilog, Inc. Z89321 Datasheet HTML 3Page - Zilog, Inc. Z89321 Datasheet HTML 4Page - Zilog, Inc. Z89321 Datasheet HTML 5Page - Zilog, Inc. Z89321 Datasheet HTML 6Page - Zilog, Inc. Z89321 Datasheet HTML 7Page - Zilog, Inc. Z89321 Datasheet HTML 8Page - Zilog, Inc. Z89321 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Z89321/371/391
Zilog
16-Bit Digital Signal Processors
DS97DSP0100
P R E L I M I N A R Y
5
1
Table 2. Z89321/371 44-Pin PLCC Pin IdentiÞcation
No.
Symbol
Function
Direction
1
HALT
Stop Execution
Input
2
FS0
CODEC 0 Frame Sync
Input/Output*
3
/INT0
Interrupt
Input
4-5
O0-UO1
User Output
Output
6
FS1
CODEC 1 frame sync
Input/Output*
7VSS
Ground
8-10
EXT0-EXT2
External data bus
Input/Output
11
VSS
Ground
12
RXD
Serial input from CODECs
Input
13-15
EXT12-EXT14
External data bus
Input/Output
16
VSS
Ground
17
EXT15
External data bus
Input/Output
18-19
EXT3-EXT4
External data bus
Input/Output
20
VSS
Ground
21-23
EXT5-EXT7
External data bus
Input/Output
24
TXD
Serial output to CODECs
Output
25-26
EXT8-EXT9
External data bus
Input/Output
27
VSS
Ground
28-29
EXT10-EXT11
External data bus
Input/Output
30
/INT2
Interrupt
Input
31
/INT1
Interrupt
Input
32
UI1
User input
Input
33
UI0
User input
Input
34
SCLK
CODEC serial clock
Input/Output*
35
VDD
Power supply
Input
36
RD//WR
RD//WR strobe for EXT bus
Output
37
WAIT
WAIT state
Input
38
/RESET
Reset
Input
39-41
EA0-EA2
External Address bus
Output
42
VDD
Power Supply
Input
43
/DS
Data strobe for external bus
Output
44
CLK
Clock
Input
Note: * Input or output is defined by interface mode selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com