Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 14Page - Zilog, Inc. Z89321 Datasheet HTML 15Page - Zilog, Inc. Z89321 Datasheet HTML 16Page - Zilog, Inc. Z89321 Datasheet HTML 17Page - Zilog, Inc. Z89321 Datasheet HTML 18Page - Zilog, Inc. Z89321 Datasheet HTML 19Page - Zilog, Inc. Z89321 Datasheet HTML 20Page - Zilog, Inc. Z89321 Datasheet HTML 21Page - Zilog, Inc. Z89321 Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Z89321/371/391
16-Bit Digital Signal Processors
Zilog
18
P R E L I M I N A R Y
DS97DSP0100
ADDRESS SPACE
Program Memory. Programs of up to 4 K words can be
masked into internal ROM (OTP for Z89371). Four loca-
tions are dedicated to the vector address for the three in-
terrupts (0FFDH-0FFFH) and the starting address follow-
ing a Reset (0FFCH). Internal ROM is mapped from 0000H
to 0FFFH, and the highest location for program is 0FFBH.
A 64 K word External Program Memory Space is available
on the Z89391. The vector addresses for the Z89391 re-
side at FFFCH-FFFFH (Figure 15).
Internal Data RAM. The Z89321, 371 and 391 all have in-
ternal 512 x 16-bit word data RAM organized as two banks
of 256 x 16-bit words each: RAM0 and RAM1. Each data
RAM bank is addressed by three pointers: Pn:0 (n = 0-2)
for RAM0 and Pn:1 (n = 0-2) for RAM1. The RAM address-
es for RAM0 and RAM1 are arranged from 0-255 and 256-
511, respectively. The address pointers, which may be
written to, or read from, are 8-bit registers connected to the
lower byte of the internal 16-bit D-Bus and are used to per-
form modulo addressing.
Three addressing modes are available to access the Data
RAM: register indirect, direct addressing, and short form
direct. The contents of the RAM can be read to, or written
from, in one machine cycle per word, without disturbing
any internal registers or status other than the RAM ad-
dress pointer used for each RAM. The contents of each
RAM can be loaded simultaneously into the X and Y inputs
of the multiplier.
Registers. The Z89321 has 19 internal registers and up to
an additional eight external registers. The external regis-
ters are user-definable for peripherals, such as A/D or D/A,
or to DMA, or other addressing peripherals. Both external
and internal registers are accessed in one machine cycle.
Figure 14. External Program Memory Port Timing
TCY
PDSET
PDHOLD
Valid
Valid
Valid
Valid
Valid
Valid
PASET
CLOCK
PROGRAM
ADDRESS
PROGRAM
DATA
Figure 15. Memory Map
Data Memory
Not Used
DRAM1
DRAM0
01FF
0100
00FF
0000
FFFF
Program Memory
Not Used
INT0-INT2 Vect.
RESET Vector
0FFF
0FFC
0000
FFFF
FFFC
4 Kwords
Or
INT0-INT2 Vect.
RESET Vector
64 Kwords
512 words
On-Chip Memory
Off-Chip Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com