Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 30 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 26Page - Zilog, Inc. Z89321 Datasheet HTML 27Page - Zilog, Inc. Z89321 Datasheet HTML 28Page - Zilog, Inc. Z89321 Datasheet HTML 29Page - Zilog, Inc. Z89321 Datasheet HTML 30Page - Zilog, Inc. Z89321 Datasheet HTML 31Page - Zilog, Inc. Z89321 Datasheet HTML 32Page - Zilog, Inc. Z89321 Datasheet HTML 33Page - Zilog, Inc. Z89321 Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Z89321/371/391
16-Bit Digital Signal Processors
Zilog
30
P R E L I M I N A R Y
DS97DSP0100
Figure 27. 8-Bit CODEC Schematic
VDD
RXD
TXD
SCLK
FS1
RDD
15
DC
CCI
TDD
TDE
VLS
9
10
16
14
RCE
11
12
13
VCC
Z89321
/371
/391
VAG
Rx0
Txl
+Tx
–Tx
Mu/A
PDI
VSS
–5V
1
2
3
4
5
6
7
8
VCC
Analog
In
Analog
Out
5k
10k
GND
MC145505p
Figure 28. 8-Bit Mode Timing Diagram
int1_
fs1
fs0
txd
rxd
sclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com