Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 25 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 25 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 21Page - Zilog, Inc. Z89321 Datasheet HTML 22Page - Zilog, Inc. Z89321 Datasheet HTML 23Page - Zilog, Inc. Z89321 Datasheet HTML 24Page - Zilog, Inc. Z89321 Datasheet HTML 25Page - Zilog, Inc. Z89321 Datasheet HTML 26Page - Zilog, Inc. Z89321 Datasheet HTML 27Page - Zilog, Inc. Z89321 Datasheet HTML 28Page - Zilog, Inc. Z89321 Datasheet HTML 29Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Z89321/371/391
Zilog
16-Bit Digital Signal Processors
DS97DSP0100
P R E L I M I N A R Y
25
1
TXD (Serial Output to CODEC)
The TXD line provides 8-, 16-, and 64-bit data transfers.
Each bit is clocked out of the processor by the rising edge
of the SCLK, with the MSB transmitted first.
RXD (Serial Input from CODEC)
The RXD line provides 8-, 16-, and 64-bit data transfers.
Each bit is clocked into the processor by the falling edge of
the SCLK, with the MSB received first.
FS0, FS1 (Frame Sync)
The Frame Sync is used for enabling data transfer/receive.
The rising and falling edge of the Frame Sync encloses the
serial data transmission.
Interrupt
Once the transmission of serial data is completed an inter-
nal interrupt signal is initiated. A single-cycle Low pulse al-
lows an interrupt on INT1. When this occurs, the processor
will jump to the defined Interrupt 1 vector location (Figure
21).
CODEC INTERFACE TIMING
Figure 21 depicts a typical 8-bit serial data transfer using
both of the CODEC Interface Channels. The transmitting
data is clocked out on the rising edge of the SCLK signal.
An external CODEC clocks data in on the falling edge of
the SCLK signal. Once the serial data is transmitted, an in-
terrupt is given. The CODEC interface signals are not initi-
ated if the CODEC interface is not enabled.
The following modes are available for FSYNC and SCLK
signals:
The CODEC interface timing is independent of the proces-
sor clock when external mode is chosen. This feature pro-
vides the capability for an external device to control the
transfer of data to the Z89321. The Frame Sync signal en-
velopes the transmitted data, therefore care must be taken
to ensure proper sync signal timing (Figure 21).
Full Duplex Operation
The Transmit and Receive lines are used for transfer of se-
rial data to or from the CODEC interface. The CODEC in-
terface performs both data transmit and receive simulta-
neously.
Control Registers
The CODEC interface is double-buffered, therefore, four
registers are provided for CODEC interface data storage.
EXT5-1 and EXT5-2 operate with the Frame Sync 0 while
EXT6-1 and EXT6-2 operate with Frame Sync 1. In 8- or
16-bit mode, the CODEC interface uses EXT5-1 and
EXT6-1. For Stereo mode, all four registers are used (Fig-
ures 22 and 23).
The CODEC Interface Control Register (EXT7-1) is shown
in Figure 14. Setting of the CODEC mode, FSYNC, and
Enable/Disable of CODEC 0 is done through this register.
The Wait-State Generator, SCLK, and CODEC 1 are con-
trolled from EXT7-2 (Figure 24).
Figure 21. CODEC Interface Timing (8-Bit Mode)
int1_
fs1
sclk
fs0
txd
rxd
SCLK
FSYNC
Internal
Internal
External
External
External
Internal
Internal
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com