Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 24Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 25Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 26Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 27Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 28Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 29Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 30Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 31Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
28
BC3770
5.5.5
Control Register Map
5.5.5.1
INT1: Interrupt Register 1 for Abnormal Conditions
Address
(hex)
Register
Name
Reset
(hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
INT1
00
VBUSOVP
VBUSUVLO
VBUSINOK
AICL
VBUSLIMIT
BATOVP
THEMSHDN
THEMREG
01
INT2
00
FASTTMROFF
NOBAT
WEAKBAT
OTGFAIL
PRETMROFF
CHGRSTF
DONE
TOPOFF
02
INT3
00
Reserved
Reserved
Reserved
Reserved
VSYSOK
VSYSNG
VSYSOLP
DISLIMIT
03
INTMSK1
03
VBUSOVPM
VBUSUVLOM
VBUSINOKM
AICLM
VBUSINLIMIT
M
BATOVPM
THEMSHDNM
THEMREGM
04
INTMSK2
B8
FASTTMROFF
M
NOBATM
WEAKBATM
OTGFAILM
PRETMROFF
M
CHGRSTFM
DONEM
TOPOFFM
05
INTMSK3
FF
Reserved
Reserved
Reserved
Reserved
VSYSOKM
VSYSNGM
VSYSOLPM
DISLIMITM
06
STATUS
N/A
Reserved
Reserved
Reserved
VSYSOLP
DISLIMIT
THEMSHDN
BATDET
SUSPEND
07
CTRL
42
Reserved
ENCOMPARA
TOR
Reserved
Reserved
RESET
SUSPEN
CHGEN
ENBOOST
08
VBUSCTRL
08
Reserved
Reserved
VBUSLIMIT
09
CHGCTRL1
2F
Reserved
AICLTH
AUTOSTOP
AICLEN
PRECHG
0A
CHGCTRL2
08
Reserved
Reserved
FASTCHG
0B
CHGCTRL3
4C
BATREG
WEAKBAT
0C
CHGCTRL4
05
Reserved
TOPOFF
DISLIMIT
0D
CHGCTRL5
0F
Reserved
Reserved
VOTG
FASTTIMER
TOPOFFTIMER
Address (hex)
Mode
Reset Condition:
VSYS
 VSYS_UVLO
Reset: 0x00
00
R/C
Bit
Name
Reset
Description
7
VBUSOVP
0
1: VBUS OVP event detected
6
VBUSUVLO
0
1: VBUS falling UVLO detected
5
VBUSINOK
0
1: Valid VBUS detected
4
AICL
0
1: AICL threshold detected
3
VBUSLIMIT
0
1: VBUS input current limit detected
2
BATOVP (17), (18)
0
1: BAT OVP detected
1
THEMSHDN
0
1: Thermal shutdown detected
0
THEMREG
0
1: Thermal regulation threshold detected
Notes
17.
These interrupts are to be set to 1 when “ENCOMPARATOR” bit 7 in the 07h register set to “1” AND no valid VBUS supply is at preset. If
“ENCOMPARATOR” bit 7 is reset to “0” in no valid VBUS supply, these interrupt events are in no response.
18.
These interrupts are to be forcibly overridden to alert the interrupt events in a valid VBUS attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com