Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 30Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 31Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 32Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 33Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 34Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 35Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 36Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 37Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
34
BC3770
5.5.5.12 CHGCTRL3: Charger Control Register 3
Address (hex)
Mode
Reset Condition:
VSYS
VSYS_UVLO
Reset: 0x4C
0B
R/W
Bit
Name
Reset
Description
7:4
BATREG
0100
Program the battery regulation voltage on BATREG in 25 mV steps
0x0: 4.100 V
0x1: 4.125 V
0x2: 4.150 V
0x3: 4.175 V
0x4: 4.200 V
0x5: 4.225 V
0x6: 4.250 V
0x7: 4.275 V
0x8: 4.300 V
0x9: 4.325 V
0xA: 4.350 V
0xB: 4.375 V
0xC: 4.400 V
0xD: 4.425 V
0xE: 4.450 V
0xF: 4.475 V
3:0
WEAKBAT
1100
Program the weak battery voltage threshold in 50 mV steps
0x0: 3.00 V
0x1: 3.05V
0x2: 3.10 V
0x3: 3.15 V
0x4: 3.20 V
0x5: 3.25 V
0x6: 3.30 V
0x7: 3.35 V
0x8: 3.40 V
0x9: 3.45 V
0xA: 3.50 V
0xB: 3.55 V
0xC: 3.60 V
0xD: 3.65 V
0xE: 3.70 V
0xF: 3.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com