Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  BC3770 Datasheet HTML 1Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 2Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 3Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 4Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 5Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 6Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 7Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 8Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
4
BC3770
3
Pin Connections
Figure 3. BC3770 Pin Connections (Transparent Top View)
Functional descriptions of many of these pins can be found in the Functional Pin Description section beginning on page 13.
Table 2. BC3770 Pin Definitions
Pin
Pin Name
Pin
Function
Formal Name
Definition
A1, A2
VBUS
Input
USB/DCP Adapter Input
Connect the pins to the output of USB or DCP (dedicated Charging Port)
adapter. Bypass with a 2.2
F/10 V ceramic capacitor to the ground, in case the
peak voltage on the pins is always below 10 V due to a clamp device. Otherwise,
a 2.2
F/25 V or higher rating capacitor is recommended. The two VBUS pins
must be connected together externally. These pins are used as an output in OTG
mode. An embedded 100 k
discharge resistance is enabled in Charge mode.
It is disconnected in the Boost mode.
A3
VL
Output
Internal Regulator Output
The analog output for internal reference, bandgap and so on. DO NOT LOAD.
Bypass with a 1.0
F/10 V to ground.
A4
SCL
Input
Clock Input for FS I2C
Serial Interface with the
Processor
Use a pull-up resistor, 1.5 k
 to 2.2 k, to the VIO.
A5
SDA
Input/
Output
Data I/O for FS I2C Serial
Interface with the Processor
Use a pull-up resistor, 1.5 k
 to 2.2 k, to the VIO.
B1
PMID
Output
VBUS Bypass Output
High-side MOSFET connection node and VBUS bypass output. Bypass with a
2.2
F ceramic capacitor to PGND pins as close as possible. Do NOT LOAD any
external applications.
B2
BOOT
High-side MOSFET Driver
Supply
Bypass BOOT to LX with a 22 nF/10 V ceramic capacitor.
B3
BATSNSN
Battery - Terminal Sensing
Connect to negative terminal of battery cell as close as possible. If a sense
resistor is used for a fuel gauge, connect the pin to the ground terminal of the
sense resistor.
B4
VIO
Supply for Internal Buffer
Connect to the system I/O supply voltage rail.
TRANSPARENT
TOP VIEW
A
B
C
D
E
1
2345
VBUS
PMID
LX
LX
PGND
VBUS
BOOT
NO
CHG
PGND
BAT
ENB
VL
BAT
GND
SH
VSYS
SNSN
DNB
SCL
VIO
BAT
VSYS
VSYS
REG
SDA
INTB
CHG
OUT
CHG
OUT
CHG
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com