Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 14Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 15Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 16Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 17Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 18Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 19Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 20Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 21Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
18
BC3770
Figure 6. Charger State Diagram
DEVICE IN STANDBY/
SHUTDOWN MODE
- VBUS < VUV LO
- SUSPEND=0
-I2C not available if SHDNB=N
- I2C active if SHDNB=H
Q4=ON
Valid VBUS attached
QUALIFICATION PROCESS
FOR CHARGER ENABLE
- VUVLO < VBUS < VOVP
- Battery Presence Detection
- BATREG < BAT_OVP
-Die Temp < 130C
-VBUS > BATREG+150mV
- CHGENB=LOW
-CHGEN=1
-POK=H
-VL=ON
TIMER FAULT
- Interrupt triggered
Any Charging
State
- VBUS < UVLO or
-VL=OFF or
-CHGEN=0 or
-CHGENB=HIGH
TRICKLE CHARGE MODE
-VSYS=3.6V
- ICHG=90mA
-I2C Active
BAT < 2.5V
2.5V = BATREG = 3.6V
PRE-CHARGE MODE
-VSYS=3.6V
-ICHG=150mA(Default)
- I2C Active
Pre-charge timer=ON
Tim
er-O
ut&
BA
TR
EG
<3.
6V
FAST-CHARGE MODE
-VSYS=Track BATREG
-ICHG=500mA(Default)
- I2C Activee
Fast-charge timer=ON if enabled
BATREG > 3.6V &
Soft-Start w/ 2ms
TOP-OFF MODE
-VSYS=BATREG+ ICHG x RDSON_Q4
-I2C Active
- Top-Off timer=ON
- Top-Off Interrupt triggered
BATREG
=VBAT_REG
&
ICHG=Itop-off
Ti
me
r-
Ou
t&
BA
TR
EG
<
VBA
T_
RE
G
DONE MODE
-VSYS=VBAT_REG
- I2C Active
- DONE Interrupt triggered
-ICHG=0mA
- Charger stopped
Top-Off timer
expires
RECHARGE MODE
-Recharge Interrupt generated
AUTOSTOP=1
?
YES
CV MODE
-VSYS=VBAT_REG
-I2C Active
-DONE Interrupt triggered
- Charger kept ON in CV mode
NO
VBAT
RE
G-
VBA
T_
RE
G
?
-10
0m
V &
tBAT
_RE
CH
G
& T
op-
OFF
det
ect
ed
V
BAT
REG-V
BAT_
RE
G ?
-100
mV
& t
BAT_
REC
HG
& T
op-O
FFd
etec
ted
V
BAT
REG-V
BAT_
REG ?
-100
mV
& t
BAT_
REC
HG &
Top-
Offd
etect
ed
Toggle CHGEN bit
or
toggle CHGENB pin
or
Re-Attach VBUS input
CHARGING SUSPENDED
- Interrupt triggered
- Timer Reset
CHARGING Resumes automatically
at where the suspended occurred
- VBUS > OVP or
-Die Temp > 130C or
- BAT OVP detected
Each condition
released
Tim
eou
t an
d B
AT
RE
G <
3.6
V
Tim
eo
ut
an
d B
AT
RE
G
< V
BA
T_
RE
G
VBATREG - VBAT_REG =
-100 mV & tBAT_RECHG
& TOP_OFF detected
VBATREG - VBAT_REG =
-100 mV & tBAT_RECHG
& TOP_OFF detected
VBATREG - VBAT_REG =
-100 mV & tBAT_RECHG
& TOP_OFF detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com