Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 16Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 17Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 18Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 19Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 20Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 21Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 22Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 23Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
20
BC3770
5.3.10.1 Charger Enable Control
The CHGEN bit in the control register and CHGENB pin are used to enable or disable the charging process.
Figure 8. Charger Enable
If the CHGENB pin is not used in the application, leave the pin float since CHGENB has an internal 300 k
 pull-down resistance to ground.
5.3.10.2 Battery Presence Detection
The BC3770 monitors battery presence via the NOBAT pin in any condition. This function utilizes the pull-down resistor on VF in the
battery pack. If no battery is detected, the charging is suspended immediately and the corresponding interrupt event is reported to the
processor via the INTB pin. If the NOBAT pin needs to be connected to an ADC input on the main processor, a resistor-divided
configuration in fig should be done to lower the voltage rating to 1.8 V.
Figure 9. Resister Divided Network
If NOBAT is not used as a battery presence indicator, the following configuration is also possible.
Figure 10. Resister Divided Network Option
CH GENB
300 k
Charger
Enabled
I2C bit ,
CHGEN=1
1-Cell
Li-Ion
Battery
+
VF/ID
-
NOBAT
ADC Input
SM5418
100k?
100k?
around 1.6V
if no battery
attached
BC3770
100 k
100 k
1-Cell
Li-Ion
Battery
+
VF/ID
-
NOBAT
ADC Input
100k?
or
other
value
SM5418
IO_1V8
BC3770
100 k
or
Other
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com