Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 12Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 13Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 14Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 15Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 16Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 17Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 18Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 19Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
16
BC3770
5.3.7
Battery Recharge
Regardless of the AUTOSTOP bit status, the re-charge of the battery is able to be performed in two ways.
1. Automatic Enable
After a top-off threshold or Done is detected and the battery voltage drops below the recharge threshold, VRCH, over the deglitch time, a
typical of 27 ms, the charger automatically resumes the charging. In this mode, the interrupt signal of “recharge” is reported to a processor
via the INTB pin. However if the battery voltage recovers above the threshold within 27 ms, the charging restart is not resumed and an
interrupt event is not reported. The threshold is a fixed value of -100 mV.
Figure 4. Re-charge Enabled in the Automatic Way
2. Manual Enable
The Application Processor (AP) is able to turn off the charger after the top-off or Done state is detected. Once the charger is enabled by
the processor and if the recharge conditions are met, the charger automatically charges the battery.
5.3.8
Soft-start
The BC3770 provides a soft-start in the transition from Pre-charge to Fast-charge mode to allow for a smaller voltage drop on VSYS and
to prevent input current and voltage transients. However, there is no soft-start in recharge mode. In summary, the following is the typical
charging profile where the following conditions are met in advance.
• A valid input is detected
• No AICL threshold detected
• All timers reset
• Input current limit > fast-charge current
• No SYS current
• Input current limit not detected
• No status changes on CHGEN = 1, CHGENB = LOW, SUSPEND = 0 and AUTOSTOP = 1
•VRCH = -100 mV
• Related interrupt bits not masked
• Deep battery with 2.0 V attached in advance
• Deglitch time excluded
Top-Off
detected
Re-
Charge
enabled
VRCH detected
DONE
detected
27ms
deglitch
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com