Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 27Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 28Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 29Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 30Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 31Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 32Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 33Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 34Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Analog Integrated Circuit Device Data
31
Freescale Semiconductor
BC3770
5.5.5.6
INTMSK3: Interrupt Mask Register 3
5.5.5.7
STATUS –Status Register
Address (hex)
Mode
Reset Condition:
VSYS
VSYS_UVLO
Reset: 0xFF
05
R/W
Bit
Name
Reset
Description
7:4
Reserved
1111
Write “1111”
3
VSYSOKM
1
0: Interrupt is enabled
1: VSYS rising 3.6 V detection masked
2
VSYSNGM
1
0: Interrupt is enabled
1: VSYS falling 3.4 V detection masked
1
VSYSOLPM
1
0: Interrupt is enabled
1: VSYS overload condition detection masked
0
DISLIMITM
1
0: Interrupt is enabled
1: Current limit threshold detection masked
Address
(hex)
Mode
Reset Condition:
VSYS
 VSYS_UVLO
Reset: N/A
06
R
Bit
Name
Reset
Description
7:5
Reserved
Reserved for future use
4
VSYSOLP
0: VSYS output is healthy (3.6 V
 VSYS VBAT_REG)
1: VSYS overloaded with a valid VBUS (VSYS  3.4 V)
3
DISLIMIT
0: Current limit threshold not detected in discharge mode
1: Current limit threshold detected in discharge mode
2
THEMSHDN
0: The die temperature is less than 130 °C.
1: The die temperature is between 150 °C and 130 °C
1
BATDET
0: Battery detached (No Battery)
1: Battery attached (Battery at present)
0
SUSPEND
0: Suspend mode is disabled
1: Suspend mode is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com