Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 32Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 33Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 34Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 35Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 36Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 37Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 38Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 39Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
36
BC3770
5.5.5.14 CHGCTRL5: Charger Control Register 5
Address (hex)
Mode
Reset Condition:
VSYS
VSYS_UVLO
Reset: 0x0F
0D
R/W
Bit
Name
Reset
Description
7:6
Reserved
00
Write “00”
5:4
VOTG
00
Program the OTG voltage in boost mode on PMID
00: 5.0 V
01: 5.1 V
10: 5.2 V
11: 5.2 V
3:2
FASTTIMER
11
Program the timer for Fast-charge current
00: 3.5 hours
01: 4.5 hours
10: 5.5 hours
11: Disabled
1: 0
TOPOFFTIMER
11
Program the timer for Top-Off in AUTOSTOP=1
00: 10 min
01: 20 min
10: 30 min
11: 45 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com